Electronic Components Datasheet Search
  English  ▼

X  

AHA Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # AHA
Description  Long Life Filtering, Bypassing, Power Supply Decoupling
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AHA Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  AHA Datasheet HTML 1Page - Cornell Dubilier Electronics AHA Datasheet HTML 2Page - Cornell Dubilier Electronics AHA Datasheet HTML 3Page - Cornell Dubilier Electronics AHA Datasheet HTML 4Page - Cornell Dubilier Electronics AHA Datasheet HTML 5Page - Cornell Dubilier Electronics AHA Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type AHA
SMT Aluminum Electrolytic Capacitors -55 °C to +105 °C - Long Life
Case Dimen-
Case
Code
D ± 0.5
L
A ± 0.2
H (max) I (ref)
W
P (ref)
K
B
4
5.4 +.1,-.2
4.3
5.5
1.8
0.65 ± 0.1
1
0.35 + 0.15/-0.20
C
5
5.4 +.1,-.2
5.3
6.5
2.2
0.65 ± 0.1
1.5
0.35 + 0.15/-0.20
D
6.3
5.4 +.1,-.2
6.6
7.8
2.6
0.65 ± 0.1
1.8
0.35 + 0.15/-0.20
X
6.3
7.7 ±.3
6.6
7.8
2.6
0.65 ± 0.1
1.8
0.35 + 0.15/-0.20
E
8
6.2 ±.3
8.3
9.5
3.4
0.65 ± 0.1
2.2
0.35 + 0.15/-0.20
F
8
10.2 ±.3
8.3
10
3.4
0.90 ± 0.2
3.1
0.70 ± 0.20
G
10
10.2 ±.3
10.3
12
3.5
0.90 ± 0.2
4.6
0.70 ± 0.20
Ratings
Max
Max
Max
Max
Catalog
DCL
DF
ESR
Ripple Current
Case
Size
Quantity
Cap
Part Number
2 min.
120 Hz /20 ºC
120 Hz /20 ºC
120 Hz /105 °C
Code
D x L
per Reel
(µF)
(µA)
( Ω )
(mA)
(mm)
6.3 Vdc ( 8 Vdc Surge)
22.0 AHA226M06B12T-F
3.0
0.30
22.6
29
B
4 x 5.4
2000
33.0 AHA336M06B12T-F
3.0
0.35
17.6
29
B
4 x 5.4
2000
47.0 AHA476M06B12T-F
3.0
0.35
12.3
36
B
4 x 5.4
2000
47.0 AHA476M06C12T-F
3.0
0.30
10.6
46
C
5 x 5.4
1000
100.0 AHA107M06C12T-F
6.3
0.35
5.8
47
C
5 x 5.4
1000
100.0 AHA107M06D16T-F
6.3
0.30
5.0
71
D
6.3 x 5.4
1000
220.0 AHA227M06D16T-F
13.9
0.35
2.6
74
D
6.3 x 5.4
1000
330.0 AHA337M06X16T-F
20.8
0.30
1.5
105
X
6.3 x 7.7
900
330.0 AHA337M06F24T-F
20.8
0.35
1.8
230
F
8 x 10.2
500
470.0 AHA477M06F24T-F
29.6
0.35
1.2
300
F
8 x 10.2
500
1000.0 AHA108M06F24T-F
63.0
0.35
0.6
300
F
8 x 10.2
500
1000.0 AHA108M06G24T-F
63.0
0.35
0.6
400
G
10 x 10.2
500
1500.0 AHA158M06G24T-F
94.5
0.35
0.4
480
G
10 x 10.2
500
10 Vdc ( 13 Vdc Surge)
22.0 AHA226M10B12T-F
3.0
0.30
22.6
28
B
4 x 5.4
2000
33.0 AHA336M10B12T-F
3.3
0.30
15.1
29
B
4 x 5.4
2000
33.0 AHA336M10C12T-F
3.3
0.22
11.1
43
C
5 x 5.4
1000
47.0 AHA476M10C12T-F
4.7
0.30
10.6
43
C
5 x 5.4
1000
100.0 AHA107M10D16T-F
10.0
0.30
5.0
70
D
6.3 x 5.4
1000
100.0 AHA107M10E16T-F
10.0
0.26
4.3
110
E
8 x 6.2
1000
220.0 AHA227M10X16T-F
22.0
0.22
1.7
105
X
6.3 x 7.7
900
220.0 AHA227M10F24T-F
22.0
0.26
2.0
160
F
8 x 10.2
500
470.0 AHA477M10F24T-F
47.0
0.26
0.9
200
F
8 x 10.2
500
470.0 AHA477M10G24T-F
47.0
0.26
0.9
270
G
10 x 10.2
500
1000.0 AHA108M10G24T-F
100.0
0.26
0.4
580
G
10 x 10.2
500
16 Vdc ( 20 Vdc Surge)
10.0 AHA106M16B12T-F
3.0
0.16
26.5
28
B
4 x 5.4
2000
22.0 AHA226M16B12T-F
3.5
0.26
19.6
28
B
4 x 5.4
2000
22.0 AHA226M16C12T-F
3.5
0.16
12.1
39
C
5 x 5.4
1000
33.0 AHA336M16C12T-F
5.3
0.26
13.1
35
C
5 x 5.4
1000
47.0 AHA476M16C12T-F
7.5
0.26
9.2
39
C
5 x 5.4
1000
47.0 AHA476M16D16T-F
7.5
0.16
5.6
70
D
6.3 x 5.4
1000
100.0 AHA107M16D16T-F
16.0
0.26
4.3
70
D
6.3 x 5.4
1000
220.0 AHA227M16X16T-F
35.2
0.16
1.2
105
X
6.3 x 7.7
900
220.0 AHA227M16F24T-F
35.2
0.20
1.5
150
F
8 x 10.2
500
220.0 AHA227M16G24T-F
35.2
0.20
1.5
210
G
10 x 10.2
500
330.0 AHA337M16F24T-F
52.8
0.20
1.0
170
F
8 x 10.2
500
330.0 AHA337M16G24T-F
52.8
0.20
1.0
230
G
10 x 10.2
500
470.0 AHA477M16F24T-F
75.2
0.20
0.7
190
F
8 x 10.2
500
470.0 AHA477M16G24T-F
75.2
0.20
0.7
340
G
10 x 10.2
500
25 Vdc ( 31 Vdc Surge)
4.7 AHA475M25B12T-F
3.0
0.14
49.4
22
B
4 x 5.4
2000
10.0 AHA106M25B12T-F
3.0
0.20
33.2
22
B
4 x 5.4
2000
10.0 AHA106M25C12T-F
3.0
0.14
23.2
28
C
5 x 5.4
1000
22.0 AHA226M25C12T-F
5.5
0.20
15.1
35
C
5 x 5.4
1000
22.0 AHA226M25D16T-F
5.5
0.14
10.6
55
D
6.3 x 5.4
1000
33.0 AHA336M25C12T-F
8.3
0.20
10.0
42
C
5 x 5.4
1000
33.0 AHA336M25D16T-F
8.3
0.14
7.0
65
D
6.3 x 5.4
1000
47.0 AHA476M25D16T-F
11.8
0.20
7.1
70
D
6.3 x 5.4
1000
47.0 AHA476M25E16T-F
11.8
0.16
5.6
91
E
8 x 6.2
1000
100.0 AHA107M25E16T-F
25.0
0.16
2.7
91
E
8 x 6.2
1000
100.0 AHA107M25F24T-F
25.0
0.16
2.7
130
F
8 x 10.2
500
220.0 AHA227M25F24T-F
55.0
0.16
1.2
160
F
8 x 10.2
500
220.0 AHA227M25G24T-F
55.0
0.16
1.2
190
G
10 x 10.2
500
330.0 AHA337M25F24T-F
82.5
0.16
0.8
180
F
8 x 10.2
500
330.0 AHA337M25G24T-F
82.5
0.16
0.8
340
G
10 x 10.2
500
470.0 AHA477M25G24T-F
117.5
0.16
0.6
360
G
10 x 10.2
500



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com