Electronic Components Datasheet Search
  English  ▼

X  

AVS Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # AVS
Description  General Purpose Filtering, Bypassing, Power Supply Decoupling
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AVS Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  AVS Datasheet HTML 1Page - Cornell Dubilier Electronics AVS Datasheet HTML 2Page - Cornell Dubilier Electronics AVS Datasheet HTML 3Page - Cornell Dubilier Electronics AVS Datasheet HTML 4Page - Cornell Dubilier Electronics AVS Datasheet HTML 5Page - Cornell Dubilier Electronics AVS Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508) 996-8561 • Fax: (508) 996-3830 • www.cde.com
SMT Aluminum Electrolytic Capacitors - General Purpose, 85°C
Type AVS
General Purpose Filtering, Bypassing, Power Supply Decoupling
Type AVS Capacitors are the best value for filter and bypass applications
not requiring wide temperature performance or high ripple current.
Their vertical cylindrical cases facilitate automatic mounting and reflow
soldering and Type AVS offers a significant cost savings over tantalum
capacitors.
Specifications
Operating Temperature:
Rated voltage:
Capacitance:
D.F. (@ 20°C):
Capacitance Tolerance:
Leakage Current:
Ripple Current Multipliers:
-40°C to +85°C
4.0, 6.3, 10, 16, 25, 35, 63, & 100 Vdc
0.1 µF to 1500 µF
See Ratings Table
±20% @ 120 Hz and +20°C
0.01 CV or 3 µA @ +20°C, after two minutes (whichever is greater)
Frequency
Highlights
•
+85°C, 2000 Hour Load Life
•
Capacitance Range: 0.1
µF to 1500 µF
•
Voltage Range: 4.0 Vdc to 100 Vdc
Load Life:
2000 h @ 85°C
∆
Capacitance: ±20%
DF: <200% of limit
DCL: <100% of limit
Shelf Life:
1000 h @ 85°C
∆
Capacitance: ±20%
DF: <200% of limit
DCL: <100% of limit
AVS Series Marking
Outline Drawing
Case Dimensions
50/60 Hz 120 Hz
1 kHz 10 kHz & up
0.7
1.0
1.3
1.7
Maximum Impedance Ratio @ 120 Hz
W.V. (Vdc)
4.0
6.3
10.0
16.0
25.0
35.0
50.0
63.0
100.0
-25°C / +20°C
7.0
4.0
3.0
2.0
2.0
2.0
2.0
3.0
3.0
-40°C / +20°C
15.0
8.0
6.0
4.0
4.0
3.0
3.0
4.0
4.0
Case
Code
D ± 0.5
L
A ± 0.2
H (max)
I (ref)
W
P (ref)
K
A
3
5.4 +.1,-.2
3.3
4.5
1.5
0.55 ± 0.1
0.6
0.35 + 0.15/-0.20
B
4
5.4 +.1,-.2
4.3
5.5
1.8
0.65 ± 0.1
1.0
0.35 + 0.15/-0.20
C
5
5.4 +.1,-.2
5.3
6.5
2.2
0.65 ± 0.1
1.5
0.35 + 0.15/-0.20
D
6.3
5.4 +.1,-.2
6.6
7.8
2.6
0.65 ± 0.1
1.8
0.35 + 0.15/-0.20
X
6.3
7.9 ±.3
6.6
7.8
2.6
0.65 ± 0.1
1.8
0.35 + 0.15/-0.20
E
8
6.2 ±.3
8.3
9.5
3.4
0.65 ± 0.1
2.2
0.35 + 0.15/-0.20
F
8
10.2 ±.3
8.3
10.0
3.4
0.90 ± 0.2
3.1
0.70 ± 0.20
G
10
10.2 ±.3
10.3
12.0
3.5
0.90 ± 0.2
4.6
0.70 ± 0.20
220
6 = 6.3 Vdc
16 = 16 Vdc
25 = 25 Vdc,
Capacitance
(µF)
vs
Voltage
Series
Lot No.
H
L
W
P
D
0.3 mm
A
I
I
K


Similar Part No. - AVS

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVS CDE-AVS Datasheet
462Kb / 6P
SMT Aluminum Electrolytic Capacitors - General Purpose
logo
Advantech Co., Ltd.
AVS-240 ADVANTECH-AVS-240 Datasheet
1Mb / 2P
4U Rackmount Xeon E5-2400 Video Wall Controller, Supporting 21 Matrox Mura MPX
AVS-240 ADVANTECH-AVS-240 Datasheet
637Kb / 2P
4U Intel Xeon E5-2400 Video Wall Controller, Supporting 8-output Video Wall
AVS-240-00A1E ADVANTECH-AVS-240-00A1E Datasheet
637Kb / 2P
4U Intel Xeon E5-2400 Video Wall Controller, Supporting 8-output Video Wall
AVS-240 ADVANTECH-AVS-240_15 Datasheet
637Kb / 2P
4U Intel Xeon E5-2400 Video Wall Controller, Supporting 8-output Video Wall
More results

Similar Description - AVS

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AFK-V CDE-AFK-V Datasheet
1Mb / 8P
Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AHA CDE-AHA Datasheet
329Kb / 6P
Long Life Filtering, Bypassing, Power Supply Decoupling
HZA-V CDE-HZA-V Datasheet
788Kb / 6P
SMT Hybrid Polymer-Aluminum Electrolytic Capacitors For fi ltering, Bypassing and Power Supply Decoupling with Long Life Requirements
AFK107M50F24T-F CDE-AFK107M50F24T-F Datasheet
487Kb / 7P
Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK477M25G24T-F CDE-AFK477M25G24T-F Datasheet
487Kb / 7P
Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK687M63R44T-F CDE-AFK687M63R44T-F Datasheet
487Kb / 7P
Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFC CDE-AFC_17 Datasheet
726Kb / 4P
Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK CDE-AFK_18 Datasheet
746Kb / 7P
Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK_V CDE-AFK_V Datasheet
1Mb / 8P
Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AHA CDE-AHA_17 Datasheet
488Kb / 6P
Long Life Filtering, Bypassing, Power Supply Decoupling
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com