Electronic Components Datasheet Search
  English  ▼

X  

BLC Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # BLC
Description  PCB Mount Power Film Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

BLC Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  BLC Datasheet HTML 1Page - Cornell Dubilier Electronics BLC Datasheet HTML 2Page - Cornell Dubilier Electronics BLC Datasheet HTML 3Page - Cornell Dubilier Electronics BLC Datasheet HTML 4Page - Cornell Dubilier Electronics BLC Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CDE Cornell Dubilier • 1605 East Rodney French Blvd • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
PCB Mount Power Film Capacitors
Typical Performance Curves
0
5
10
15
20
25
30
10
100
1000
10000
100000
Frequency (Hz)
BLC150J701B4A Rated Ripple Current
25°C
45°C
55°C
75°C
0
5
10
15
20
25
30
35
10
100
1000
10000
100000
Frequency (Hz)
BLC200J701B4B Rated Ripple Current
25°C
45°C
55°C
75°C
0
5
10
15
20
25
30
35
10
100
1000
10000
100000
Frequency (Hz)
BLC160J901B4C Rated Ripple Current
25°C
45°C
55°C
75°C
0
5
10
15
20
25
30
35
40
10
100
1000
10000
100000
Frequency (Hz)
BLC200J901B4D Rated Ripple Current
25°C
45°C
55°C
75°C
0
5
10
15
20
25
30
35
10
100
1000
10000
100000
Frequency (Hz)
BLC200J112B4E Rated Ripple Current
25°C
45°C
55°C
75°C
0
5
10
15
20
25
30
35
40
10
100
1000
10000
100000
Frequency (Hz)
BLC250J112B4F Rated Ripple Current
25°C
45°C
55°C
75°C
Type BLC Polypropylene Board Mount DC Link Capacitors
Type BLC Polypropylene Board Mount DC Link Capacitors



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com