Electronic Components Datasheet Search
  English  ▼

X  

MLS Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # MLS
Description  Now Available with High Vibration and High Reliability Options
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLS Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  MLS Datasheet HTML 1Page - Cornell Dubilier Electronics MLS Datasheet HTML 2Page - Cornell Dubilier Electronics MLS Datasheet HTML 3Page - Cornell Dubilier Electronics MLS Datasheet HTML 4Page - Cornell Dubilier Electronics MLS Datasheet HTML 5Page - Cornell Dubilier Electronics MLS Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
•
•
L +0.375
±0.03
0.188 ±0.01
0.156 Dia
±0.01
0.375 ±0.01
L ±0.02
1.5 MIN
0.156 ±0.01 SLOT
0.040 DIA, 18 AWG LEADS
(TYP)
1.00
±0.01
1.75
±0.01
.030
.036
0.50 MAX
+
Part Numbering System
HV
HR
MLS
821
M
200
EB
0
A
Optional Optional
Type
Capacitance Tolerance Rated Voltage
Case Code
Insulation
Mounting Style
High
Vibration
High
Reliability
MLS
821=820 µF
102 = 1000 µF
M=±20%
Vdc
EK, L=1.5 in.
EA, L=2.0 in
EB, L=3.0 in.
* other sizes
available
0 = bare can
1 = polyester
A = mounting tabs
C = two leads/no tabs
D = hook leads/tabs
* other mounting tab
options available
Style A: Mounting Tabs
Outline Drawings
Type MLS 125 °C Flatpack, Ultra Long Life, Aluminum Electrolytic
Available with High Vibration and High Reliability Options
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Case
Length
Weight
Code
L (in)
(g)
EK
1.5
43
EA
2.0
76
EB
3.0
92
1.00±.01
1.75±.01
L +.375
±.03
.188±.010
.156 Dia
0.01
.375±.010
L ±0.02
0.040 DIA, 18 AWG LEADS
(TYP)
.156 ±0.01 SLOT
0.50 MAX
.26±.01
.036
.030
.175 ±0.01 DIA
Style D: Hook Leads
Style C: No Tabs
Mounting tabs are welded to the case.
•
•
L +0.375
±0.03
0.188 ±0.01
0.156 Dia
±0.01
0.375 ±0.01
L ±0.02
1.5 MIN
0.156 ±0.01 SLOT
0.040 DIA, 18 AWG LEADS
(TYP)
1.00
±0.01
1.75
±0.01
.030
.036
0.50 MAX
+
Standard Type MLS
Type HV, Rilled Construction
Examples:
Standard MLS:
MLS821M200EB0C
High Reliability:
HRMLS821M200EB0C
High Vibration:
HVMLS821M200EB0C
High Reliability, High Vibration: HVHRMLS821M200EB0C
.188±.01
L +.375
±0.03
.156
0.01
.375 0.01
L ±0.02
1.5 MIN
1.00
0.01
1.750
0.01
0.50 MAX
.036
.030
1.00±.01
1.75±.01
1.5 MIN
L ±.02
0.040 DIA, 18 AWG LEADS
(TYP)
0.50 MAX
Note: The polyester tape wrap may add up to 0.020 inches to the thickness and width of the capacitor.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com