Electronic Components Datasheet Search
  English  ▼

X  

MMWA Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # MMWA
Description  High Capacitance, High Voltage
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MMWA Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  MMWA Datasheet HTML 1Page - Cornell Dubilier Electronics MMWA Datasheet HTML 2Page - Cornell Dubilier Electronics MMWA Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CDE Cornell Dubilier
•1605 E. Rodney French Blvd.•New Bedford, MA 02740•Phone: (508)996-8561•Fax: (508)996-3830 www.cde.com
Type MMWA, Polyester Film Capacitors
Metallized
Axial Leads
Specifications
High Capacitance, High Voltage
Voltage Range: 50-1,000 Vdc
Capacitance Range: .01-10 µF
Capacitance Tolerance: ±10% (K) standard
±5% (J) optional
Operating Temperature Range: -55°C to 125°C*
*Full-rated voltage at 85°C–Derate linearly to 50%-rated voltage at 125°C
Dielectric Strength: 200% (1 minute)
Dissipation Factor: .75% Max. (25°C, 1 kHz)
Insulation Resistance: 10,000 MΩ x µF
30,000 MΩ Min.
Life Test: 1000 Hours at 85°C at 125% Rated Voltage
Ratings and Dimensions
Normally Stocked
NOTE: Other capacitance values, sizes and performance specifications are
available. Contact us.
1.50”
(38.1mm)
1.50”
(38.1mm)
L MAX.
MAX.
D
TINNED COPPER-CLAD STEEL LEADS
Type MMWA axial-leaded, metallized polyester film
capacitors incorporate compact, non-inductive extended
windings with epoxy end seals to offer excellent moisture
resistance and capacitance stability over the operating
temperature range. Metallized polyester provides self-
healing characteristics that help prevent permanent
shorting due to high voltage transients.
d
Cap.
Catalog
D
L
d
dV/dt
Cap.
Catalog
D
L
d
dV/dt
(µF)
Part Number
Inches (mm) Inches (mm) Inches (mm) V/μs
(µF)
Part Number
Inches (mm) Inches (mm) Inches (mm) V/μs
50 Vd
100 Vdc
0.100 MMWA05P1K-F
0.220
(5.6)
0.562 (14.3) 0.020 (0.5)
36
0.010 MMWA1S1K-F
0.197
(5.0)
0.562 (14.3) 0.020 (0.5)
36
0.150 MMWA05P15K-F
0.210
(5.3)
0.687 (17.4) 0.020 (0.5)
20
0.015 MMWA1S15K-F
0.197
(5.0)
0.562 (14.3) 0.020 (0.5)
36
0.220 MMWA05P22K-F
0.240
(6.1)
0.687 (17.4) 0.020 (0.5)
20
0.022 MMWA1S22K-F
0.197
(5.0)
0.562 (14.3) 0.020 (0.5)
36
0.330 MMWA05P33K-F
0.280
(7.1)
0.687 (17.4) 0.024 (0.6)
20
0.033 MMWA1S33K-F
0.197
(5.0)
0.562 (14.3) 0.020 (0.5)
36
0.470 MMWA05P47K-F
0.320
(8.1)
0.687 (17.4) 0.024 (0.6)
20
0.047 MMWA1S47K-F
0.217
(5.5)
0.562 (14.3) 0.020 (0.5)
36
0.680 MMWA05P68K-F
0.290
(7.4)
1.000 (25.4) 0.024 (0.6)
9
0.068 MMWA1S68K-F
0.217
(5.5)
0.562 (14.3) 0.020 (0.5)
36
1.000 MMWA05W1K-F
0.335
(8.5)
1.000 (25.4) 0.024 (0.6)
9
0.100 MMWA1P1K-F
0.236
(6.0)
0.562 (14.3) 0.020 (0.5)
36
1.500 MMWA05W1P5K-F
0.355
(9.0)
1.250 (31.7) 0.024 (0.6)
9
0.150 MMWA1P15K-F
0.236
(6.0)
0.687 (17.4) 0.020 (0.5)
20
2.000 MMWA05W2K-F
0.400 (10.2) 1.250 (31.7) 0.024 (0.6)
9
0.220 MMWA1P22K-F
0.256
(6.5)
0.687 (17.4) 0.020 (0.5)
20
3.000 MMWA05W3K-F
0.475 (12.1) 1.250 (31.7) 0.024 (0.6)
9
0.330 MMWA1P33K-F
0.295
(7.5)
0.687 (17.4) 0.024 (0.6)
20
4.000 MMWA05W4K-F
0.505 (12.8) 1.375 (34.9) 0.024 (0.6)
5
0.470 MMWA1P47K-F
0.320
(8.1)
0.687 (17.4) 0.024 (0.6)
20
5.000 MMWA05W5K-F
0.525 (13.3) 1.500 (38.1) 0.024 (0.6)
4
0.680 MMWA1P68K-F
0.320
(8.1)
1.000 (25.4) 0.024 (0.6)
9
6.000 MMWA05W6K-F
0.585 (14.9) 1.500 (38.1) 0.032 (0.8)
4
1.000 MMWA1W1K-F
0.374
(9.5)
1.000 (25.4) 0.024 (0.6)
9
7.000 MMWA05W7K-F
0.625 (15.9) 1.500 (38.1) 0.032 (0.8)
4
1.500 MMWA1W1P5K-F
0.374
(9.5)
1.250 (31.7) 0.024 (0.6)
9
8.000 MMWA05W8K-F
0.669 (17.0) 1.500 (38.1) 0.040 (1.0)
4
2.000 MMWA1W2K-F
0.400 (10.2) 1.250 (31.7) 0.024 (0.6)
9
9.000 MMWA05W9K-F
0.700 (17.8) 1.500 (38.1) 0.040 (1.0)
4
3.000 MMWA1W3K-F
0.475 (12.1) 1.250 (31.7) 0.024 (0.6)
9
10.000 MMWA05W10K-F
0.670 (17.0) 1.750 (44.4) 0.040 (1.0)
4
4.000 MMWA1W4K-F
0.505 (12.8) 1.375 (34.9) 0.032 (0.8)
5
RoHS Compliant


Similar Part No. - MMWA

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MMWA05P15K-F CDE-MMWA05P15K-F Datasheet
520Kb / 2P
Polyester Film Capacitors
MMWA05P1K-F CDE-MMWA05P1K-F Datasheet
520Kb / 2P
Polyester Film Capacitors
MMWA05P22K-F CDE-MMWA05P22K-F Datasheet
520Kb / 2P
Polyester Film Capacitors
MMWA05P33K-F CDE-MMWA05P33K-F Datasheet
520Kb / 2P
Polyester Film Capacitors
MMWA05P47K-F CDE-MMWA05P47K-F Datasheet
520Kb / 2P
Polyester Film Capacitors
More results

Similar Description - MMWA

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMS3925-079 ALPHA-SMS3925-079 Datasheet
303Kb / 2P
Low Capacitance High Voltage Schottky Diode
logo
Skyworks Solutions Inc.
SMS3925-079 SKYWORKS-SMS3925-079 Datasheet
127Kb / 3P
Low Capacitance, High-Voltage Schottky Diode
SMS3925-040LF SKYWORKS-SMS3925-040LF Datasheet
279Kb / 5P
Low Capacitance, High Voltage Schottky Diode
logo
Illinois Capacitor, Inc...
MHBA ILLINOISCAPACITOR-MHBA Datasheet
636Kb / 8P
Small size - High voltage ??High Capacitance
MHBS ILLINOISCAPACITOR-MHBS Datasheet
724Kb / 11P
Small size - High voltage ??High Capacitance
MPTS ILLINOISCAPACITOR-MPTS Datasheet
422Kb / 3P
High Capacitance ??High Voltage - Low Profile
QPC ILLINOISCAPACITOR-QPC Datasheet
488Kb / 3P
Small size - High voltage ??High Capacitance
logo
Nichicon corporation
RHS NICHICON-RHS Datasheet
681Kb / 2P
High Capacitance
RNE NICHICON-RNE Datasheet
678Kb / 2P
High Capacitance
RSS NICHICON-RSS Datasheet
706Kb / 2P
High Capacitance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com