Electronic Components Datasheet Search
  English  ▼

X  

SCR Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # SCR
Description  Type SCRN Film-Paper/Extended Foil Commutating Capacitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SCR Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  SCR Datasheet HTML 1Page - Cornell Dubilier Electronics SCR Datasheet HTML 2Page - Cornell Dubilier Electronics SCR Datasheet HTML 3Page - Cornell Dubilier Electronics SCR Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type SCR, Commutating Capacitors
Type SCRN Film-Paper/Extended Foil Commutating Capacitor
Type SCRN capacitors are for SCR (silicon controlled rectifier)
commutating applications that require high peak and rms current
capability. These capacitors are ideal for other high frequency and
pulsed applications. The SCRN is supplied in oval or rectangular metal
cases with 1/4 x 20 threaded stud and insulated terminals to withstand
high current and high peak voltages.
Specifications
Capacitance Range
0.25 µF to 50.0 µF
Capacitance Tolerance
±10%
Rated Voltage
200 Vpk to 2000 Vpk
Operating Temperature Range
–40 ºC to +80 ºC
Maximum rms Current
Case codes: A, B, C, D = 60 Irms max. E and F = 100 Irms max.
Maximum rms Voltage
see application guide
Test Voltage between Terminal @ 25ºC
DC voltage 2 x rated peak for 60 s
Test Voltage between Terminals & Case @ 25ºC
2 x reference AC voltage +1000 Vac for 60 s
Life Test
EIA RS401
Life Expectancy
40,000 h life at full rated voltage, current, case temperature and VA
Reliability
Minimum of 95% survival
Standards
EIA RS401
Rohs Compliant
Dimensions
Construction Details
Case Material
Tin Plated Steel or Aluminum
Encapsulation
Biodegradeable, Environmentally
Compatible Fluid
Terminal Material Electro-tin plated copper stud and
molded pillar insulator
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Highlights
- Conforms to EIA RS401 for power semiconductor applications
- Non ferrous covers available for high frequency applications
- 40,000 hours life at full rated voltage and temperature
- High voltage, high current and high frequency
- Custom designs available
Case
Dimensions Inches
Code
A
B
C
D
F
H
Figure
A
1.31 2.16 0.56 1.19 0.81
see table
Fig. 1
B
1.56 2.69 0.50 1.13 1.25
see table
Fig. 1
C
1.91 2.91 0.50 1.13 1.38
see table
Fig. 1
D
1.97 3.66 0.50 1.13 1.38
see table
Fig. 1
E
2.84 4.56 0.50 1.13 2.00
see table
Fig. 2
F
3.75 4.56 0.56 1.19 2.00
see table
Fig. 2
A
±0.03"
B
±0.03"
F
±0.03"
B
±0.03"
A
±0.03"
F
±0.03"
D
±0.06"
C
±0.06"
H
±0.06"
¼ - 20 THD
2 places
H
±0.06"
D
±0.06"
C
±0.06"
¼ - 20 THD
2 places
±0.06”
±0.06”
Figure 1
Figure 2
+0.12”
-0.06”


Similar Part No. - SCR

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SCR KEMET-SCR Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
Hammond Manufacturing L...
SCR HAMMOND-SCR Datasheet
54Kb / 1P
Generateur dair chaud haute puissance de 550-650 W
logo
Littelfuse
SCR LITTELFUSE-SCR Datasheet
515Kb / 2P
Universal Lamp Alarm Relay
2016 Rev: 1-A-062316
logo
IDEM Safety Switches
SCR IDEM-SAFETY-SCR Datasheet
1Mb / 2P
Non Contact Magnetic Safety Switches
Jun 21
logo
Kemet Corporation
SCR-020-0R55A250 KEMET-SCR-020-0R55A250 Datasheet
689Kb / 4P
SCR Coils, High Impedance Type
More results

Similar Description - SCR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE448 ETC-PHE448 Datasheet
55Kb / 2P
Pulse capacitor, polypropylene film/foil
PFR ETC1-PFR Datasheet
27Kb / 4P
Polypropylene film/foil capacitor
logo
Vishay Siliconix
131P VISHAY-131P Datasheet
70Kb / 2P
Film Snubber Capacitors Metal-Case, Paper/Polyester, Dielectric Extended Foil Electrodes
17-Nov-03
logo
Cornell Dubilier Electr...
T6P5NR-F CDE-T6P5NR-F Datasheet
134Kb / 2P
High Voltage Paper-Film/Foil Capacitors
SCRN201R-F CDE-SCRN201R-F Datasheet
169Kb / 3P
Commutating Capacitors Film-Paper/Extended Foil Commutating Capacitor
logo
Kemet Corporation
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
Capacitor, film, Film-Foil Polypropylene
logo
List of Unclassifed Man...
CQ92M ETC2-CQ92M Datasheet
52Kb / 3P
??Polyester film/foil capacitor
logo
Cornell Dubilier Electr...
T6P5NR-F CDE-T6P5NR-F_15 Datasheet
114Kb / 2P
High Voltage Paper-Film/Foil Capacitors
logo
Exxelia Group
131P EXXELIA-131P Datasheet
1Mb / 8P
Paper / Polyester Dielectric Extended Foil Electrodes
132P EXXELIA-132P Datasheet
1Mb / 8P
Paper / Polyester Dielectric Extended Foil Electrodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com