Electronic Components Datasheet Search
  English  ▼

X  

SPA Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # SPA
Description  Long Life ??No dry out failure related mechanism
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SPA Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  SPA Datasheet HTML 1Page - Cornell Dubilier Electronics SPA Datasheet HTML 2Page - Cornell Dubilier Electronics SPA Datasheet HTML 3Page - Cornell Dubilier Electronics SPA Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SPA Solid Polymer Aluminum SMT Capacitors
Maximum
Maximum
Case
Capacitance
Catalog
E.S.R.
Ripple Current
Height
(µF)
Part Number
100 kHz/20 ºC 100 kHz/105 ºC
H
Qty/Reel
(Tape & Reel)
(Ω)
(A
rms)
(mm)
2.0 Vdc
120
SPA121M02R
0.009
3.0
1.8 ±.1
3500
150
SPA151M02R
0.009
3.0
1.8 ±.1
3500
180
SPA181M02R
0.009
3.0
1.9 ±.2
3500
270
SPA271M02R
0.007
3.5
2.8 ±.2
2000
330
SPA331M02R
0.007
3.5
2.8 ±.2
2000
390
SPA391M02R
0.005
4.0
4.2 ±.1
2000
470
SPA471M02R**
0.005
4.0
4.2 ±.1
2000
2.5 Vdc
100
SPA101M0ER
0.009
3.0
1.8 ±.1
3500
120
SPA121M0ER
0.009
3.0
1.8 ±.1
3500
150
SPA151M0ER
0.009
3.0
1.9 ±.2
3500
220
SPA221M0ER
0.007
3.5
2.8 ±.2
2000
270
SPA271M0ER
0.007
3.5
2.8 ±.2
2000
330
SPA331M0ER
0.005
4.0
4.2 ±.1
2000
390
SPA391M0ER
0.005
4.0
4.2 ±.1
2000
4.0 Vdc
82
SPA820M04R
0.009
3.0
1.8 ±.1
3500
100
SPA101M04R
0.009
3.0
1.9 ±.2
3500
150
SPA151M04R
0.007
3.5
2.8 ±.2
2000
220
SPA221M04R
0.005
4.0
4.2 ±.1
2000
6.3 Vdc
56
SPA560M06R
0.009
3.0
1.8 ±.1
3500
68
SPA680M06R
0.009
3.0
1.9 ±.2
3500
120
SPA121M06R
0.007
3.5
2.8 ±.2
2000
180
SPA181M06R
0.005
4.0
4.2 ±.1
2000
Highlighted part numbers no longer available
Ratings



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com