Electronic Components Datasheet Search
  English  ▼

X  

SPA151M02R Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # SPA151M02R
Description  Long Life ??No dry out failure related mechanism
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SPA151M02R Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  SPA151M02R Datasheet HTML 1Page - Cornell Dubilier Electronics SPA151M02R Datasheet HTML 2Page - Cornell Dubilier Electronics SPA151M02R Datasheet HTML 3Page - Cornell Dubilier Electronics SPA151M02R Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type SPA Solid Polymer Aluminum SMT Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Markings
Ordering Information
SPA
560
M
06
R
CDE
Type Capacitance
Code
560 = 56 µF
820 = 82 µF
101 = 100 µF
Capacitance
Tolerance
M = ± 20%
WVDC Code
02 = 2.0 Vdc 0E = 2.5 Vdc
04 = 4.0 Vdc 06 = 6.3 Vdc
Packaging Code
R = Tape & Reel see tables
Outline Drawing
D = 2.0V
E = 2.5V
G = 4.0V
J = 6.3V
Polarity Stripe (Anode)
+
W.V. Code
Lot Code
Capacitance
(“R” = Decimal Point)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com