Electronic Components Datasheet Search
  English  ▼

X  

SPCX Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # SPCX
Description  Offered on tape and reel
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SPCX Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  SPCX Datasheet HTML 1Page - Cornell Dubilier Electronics SPCX Datasheet HTML 2Page - Cornell Dubilier Electronics SPCX Datasheet HTML 3Page - Cornell Dubilier Electronics SPCX Datasheet HTML 4Page - Cornell Dubilier Electronics SPCX Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Type SPCX Solid Polymer Aluminum SMT Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Outline Drawings
L (±0.2) W1 (±0.2) W2 (±0.1) H (±0.2) S (±0.3)
7.3 mm
4.3 mm
2.4 mm
1.9 mm 1.3 mm
Surface finish of terminal; Tin (Sn)
Ratings
Marking
Cap
(µF)
Catalog
Part Number
Max. D.F.
@ 120Hz
Max. Leakage
Current
(µA)
Max. ESR
@ 100kHz/20°C
(mΩ)
Max. Ripple Current
@ 100kHz/20° to 105°C
(Arms)
2.0 Vdc (Surge 2.5Vdc)
220
SPCX221M02R
0.06
44
15
2.7
270
SPCX271M02R-12
0.06
54
12
3.0
330
SPCX331M02R
0.06
66
15
2.7
330
SPCX331M02R-12
0.06
66
12
3.0
390
SPCX391M02R
0.06
78
15
2.7
470
SPCX471M02R
0.06
94
15
2.7
2.5 Vdc (Surge 3.1Vdc)
220
SPCX221M0ER
0.06
55
15
2.7
330
SPCX331M0ER
0.06
82.5
15
2.7
390
SPCX391M0ER
0.06
97.5
15
2.7
470
SPCX471M0ER
0.06
117.5
15
2.7
4.0 Vdc (Surge 5.0Vdc)
150
SPCX151M04R
0.06
60
15
2.7
180
SPCX181M04R
0.06
72
15
2.7
180
SPCX181M04R-12
0.06
72
12
3.0
220
SPCX221M04R
0.06
88
15
2.7
220
SPCX221M04R-12
0.06
88
12
3.0
6.3 Vdc (Surge 8.0Vdc)
100
SPCX101M06R
0.06
63
15
2.7
120
SPCX121M06R
0.06
75.6
15
2.7
150
SPCX151M06R
0.06
94.5
15
2.7
150
SPCX151M06R-12
0.06
94.5
12
3.0
Capaci-
Lot Code
Polarity Stripe (Anode)
+
W.V. Code
d = 2.0 V
e = 2.5 V
g = 4.0 V
j = 6.3 V
S
S
H
W2
L
W2
+
-
W1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com