Electronic Components Datasheet Search
  English  ▼

X  

UNL Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # UNL
Description  High Capacitance, High Current, Board Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

UNL Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  UNL Datasheet HTML 1Page - Cornell Dubilier Electronics UNL Datasheet HTML 2Page - Cornell Dubilier Electronics UNL Datasheet HTML 3Page - Cornell Dubilier Electronics UNL Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Ratings
UNL
7
W20
K
S
–F
Type
Voltage
Capacitance
Tolerance
Leads
RoHS
UNL
4 = 400 Vdc
W80 = 80µF
K = ±10%
S = Short Pins
Compliant
5 = 500Vdc
W100 = 100µF
Blank = Long Pins
6 = 600 Vdc
W30 = 30µF
7 = 750 Vdc
W50 = 50µF
8 = 800 Vdc
W40 = 40µF
9 = 900 Vdc
W13P5 = 13.5µF
10 = 1000 Vdc
W10 = 10µF
12 = 1200 Vdc
W7P5 = 7.5µF
15 = 1500 Vdc
W4P7 = 4.7µF
*Add ‘S’ after ‘K’ for short pins
Part Numbering System
Type UNL, DC Link and Filter Capacitors
High Capacitance, High Current, Board Mount
NOTE: Other ratings, sizes and performance specifications are available. Contact us.
Catalog
Part Number*
Cap
(µF)
Rated
Voltage
(Vdc)
Dia.
D
(mm)
Height
H
(mm)
Typical ESR
@ 100 kHz
(mΩ)
dV/dt
(V/µs)
Peak
Current
(A)
Ripple Current @ 100 kHz
25 ºC
(Arms)
50 ºC
(Arms)
75 ºC
(Arms)
UNL4W30K-F
30.0
400
35
53.7
6.0
30
900
24.2
19.4
14.6
UNL4W80K-F
80.0
400
50
63
5.0
25
2000
35.0
28.0
14.3
UNL5W35K-F
35.0
500
35
53.7
8.0
26
910
22.0
18.2
13.0
UNL5W100K-F
100.0
500
50
63
6.0
22
2200
31.8
25.4
13.2
UNL6W30K-F
30.0
600
35
53.7
9.0
30
900
20.7
17.0
12.0
UNL6W80K-F
80.0
600
50
63
6.5
25
2000
30.5
24.4
12.6
UNL7W20K-F
20.0
750
35
53.7
10.0
37
740
19.0
16.0
9.9
UNL7W50K-F
50.0
750
50
63
7.0
30
1500
29.4
23.5
12.0
UNL8W15K-F
15.0
800
35
53.7
10.0
42
630
18.8
15.0
9.8
UNL8W40K-F
40.0
800
50
63
7.5
35
1400
28.4
22.8
11.7
UNL9W13P5K-F
13.5
900
35
53.7
10.5
43
580
18.0
14.5
9.6
UNL9W35K-F
35.0
900
50
63
8.0
36
1260
27.5
22.0
11.3
UNL10W10K-F
10.0
1000
35
53.7
12.0
50
500
17.5
13.7
9.0
UNL10W25K-F
25.0
1000
50
63
8.5
40
1000
26.7
21.4
11.0
UNL12W7P5K-F
7.5
1200
35
53.7
13.5
60
450
16.0
12.0
8.4
UNL12W20K-F
20.0
1200
50
63
9.0
50
1000
26.0
20.7
10.7
UNL15W4P7K-F
4.7
1500
35
53.7
15.0
72
338
15.0
11.5
7.8
UNL15W13K-F
13.0
1500
50
63
10.0
60
780
24.6
19.7
10.1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com