Electronic Components Datasheet Search
  English  ▼

X  

SPSX331M0ER-4 Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # SPSX331M0ER-4
Description  Offered on tape and reel
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SPSX331M0ER-4 Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  SPSX331M0ER-4 Datasheet HTML 1Page - Cornell Dubilier Electronics SPSX331M0ER-4 Datasheet HTML 2Page - Cornell Dubilier Electronics SPSX331M0ER-4 Datasheet HTML 3Page - Cornell Dubilier Electronics SPSX331M0ER-4 Datasheet HTML 4Page - Cornell Dubilier Electronics SPSX331M0ER-4 Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Type SPSX Solid Polymer Aluminum SMT Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Reflow Soldering Profile
Time (Seconds)
Temperature on Surface of Capacitor
Time (Seconds)
Time At or Above 230 ºC
Peak Temp.
Time in 230 ºC or more
260 ºC, 10 s max.
40 s max.
250 ºC, 10 s max.
60 s max.
Time (Seconds)
260 ºC
--------------
230 ºC
--------------------------------------------
Time at or
above 230 ºC
Maximum of 10 seconds
at Peak Temperature
120 seconds max.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com