Electronic Components Datasheet Search
  English  ▼

X  

MIC4681 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC4681
Description  2A-Peak SuperSwitcher??SOP-8 Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4681 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC4681 Datasheet HTML 9Page - Micrel Semiconductor MIC4681 Datasheet HTML 10Page - Micrel Semiconductor MIC4681 Datasheet HTML 11Page - Micrel Semiconductor MIC4681 Datasheet HTML 12Page - Micrel Semiconductor MIC4681 Datasheet HTML 13Page - Micrel Semiconductor MIC4681 Datasheet HTML 14Page - Micrel Semiconductor MIC4681 Datasheet HTML 15Page - Micrel Semiconductor MIC4681 Datasheet HTML 16Page - Micrel Semiconductor MIC4681 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
February 2001
13
MIC4681
MIC4681
Micrel
SW
L1
68
µH
IN
FB
GND
SHDN
COUT
R1
R2
D1
VOUT
MIC4681BM
GND
CIN
VIN
+4V to +30V
Power
SOP-8
5678
4
3
2
1
Figure 5. Critical Traces for Layout
SW
L1
68
µH
IN
FB
GND
SHDN
D1
B340A
or
SS36
J2
VOUT
1A
J4
GND
U1 MIC4681BM
C2
0.1
µF
50V
C1
22
µF
35V
J1
VIN
4V to +30V
J3
GND
SOP-8
5–8
4
3
2
1
JP1
ON
OFF
C4
220
µF
10V
C3* 1800pF / 50V
optional
C5
0.1
µF
50V
R1
3.01k
R2
6.49k
JP2a
1.8V
R6
optional
R3
2.94k
R4
1.78k
R5
976
Ω
JP2b
2.5V
JP2c
3.3V
JP2d
5.0V
1
2
3
4
5
6
7
8
* C3 can be used to provide additional stability
and improved transient response.
Figure 6a. Evaluation Board Schematic Diagram
T
A = ambient temperature
T
A(max) = maximum ambient operating temperature
for the specific design.
Calculating the maximum junction temperature given a
maximum ambient temperature of 65
°C:
T
J = 1.064 × 20°C/W + (45°C – 25°C) + 65°C
T
J = 106.3°C
This value is within the allowable maximum operating junc-
tion temperature of 125
°C as listed in “Operating Ratings.”
Typical thermal shutdown is 160
°C and is listed in “Electrical
Characteristics.”
Layout Considerations
Layout is very important when designing any switching regu-
lator. Rapidly changing currents through the printed circuit
board traces and stray inductance can generate voltage
transients which can cause problems.
To minimize stray inductance and ground loops, keep trace
lengths, indicated by the heavy lines in Figure 5, as short as
possible. For example, keep D1 close to pin 3 and pins 5
through 8, keep L1 away from sensitive node FB, and keep
C
IN close to pin 2 and pins 5 though 8. See “Applications
Information: Thermal Considerations” for ground plane lay-
out.
The feedback pin should be kept as far way from the switching
elements (usually L1 and D1) as possible.
A circuit with sample layouts are provided. See Figures 6a
though 6e. Gerber files are available upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com