Electronic Components Datasheet Search
  English  ▼

X  

OA4ZHA33Q Datasheet(PDF) 22 Page - STMicroelectronics

Part # OA4ZHA33Q
Description  Fitness and healthcare
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA4ZHA33Q Datasheet(HTML) 22 Page - STMicroelectronics

Back Button OA4ZHA33Q Datasheet HTML 18Page - STMicroelectronics OA4ZHA33Q Datasheet HTML 19Page - STMicroelectronics OA4ZHA33Q Datasheet HTML 20Page - STMicroelectronics OA4ZHA33Q Datasheet HTML 21Page - STMicroelectronics OA4ZHA33Q Datasheet HTML 22Page - STMicroelectronics OA4ZHA33Q Datasheet HTML 23Page - STMicroelectronics OA4ZHA33Q Datasheet HTML 24Page - STMicroelectronics OA4ZHA33Q Datasheet HTML 25Page - STMicroelectronics OA4ZHA33Q Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Application information
OA1ZHA, OA2ZHA, OA4ZHA
22/35
DocID025994 Rev 2
5.9
Optimized application recommendation
OA1ZHA, OA2ZHA and OA4ZHA CMOS op amp are based on chopper architecture. As
they are switched devices, it is strongly recommended to place a 0.1 µF capacitor as close
as possible to the supply pins.
A good decoupling has several advantages for an application. First, it helps to reduce
electromagnetic interference. Due to the modulation of the chopper, the decoupling
capacitance also helps to reject the small ripple that may appear on the output.
OA1ZHA, OA2ZHA and OA4ZHA CMOS op amp have been optimized for use with 10 kΩ
in the feedback loop. With this, or a higher value of resistance, these devices offer the best
performance.
5.10
EMI rejection ration (EMIRR)
The electromagnetic interference (EMI) rejection ratio, or EMIRR, describes the EMI
immunity of operational amplifiers. An adverse effect that is common to many op amp is a
change in the offset voltage as a result of RF signal rectification.
OA1ZHA, OA2ZHA and OA4ZHA CMOS op amp have been specially designed to minimize
susceptibility to EMIRR and show an extremely good sensitivity. Figure 46: "EMIRR on IN+
pin" shows the EMIRR IN+ of the OA1ZHA, OA2ZHA and OA4ZHA measured from 10 MHz
up to 2.4 GHz.
Figure 46: EMIRR on IN+ pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com