Electronic Components Datasheet Search
  English  ▼

X  

ST75C176B Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST75C176B
Description  Low power RS-485/RS-422 transceiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C176B Datasheet(HTML) 5 Page - STMicroelectronics

  ST75C176B Datasheet HTML 1Page - STMicroelectronics ST75C176B Datasheet HTML 2Page - STMicroelectronics ST75C176B Datasheet HTML 3Page - STMicroelectronics ST75C176B Datasheet HTML 4Page - STMicroelectronics ST75C176B Datasheet HTML 5Page - STMicroelectronics ST75C176B Datasheet HTML 6Page - STMicroelectronics ST75C176B Datasheet HTML 7Page - STMicroelectronics ST75C176B Datasheet HTML 8Page - STMicroelectronics ST75C176B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
ST75C176B - ST75C176C
5/17
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Table 5.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
7
V
VI
Control input voltage (RE, DE)
-0.5 to (VCC + 0.5)
V
VDI
Driver input voltage (DI)
-0.5 to (VCC + 0.5)
V
VDO
Driver output voltage (A, B)
± 14
V
VRI
Receiver input voltage (A, B)
± 14
V
VRO
Receiver output voltage (RO)
-0.5 to (VCC + 0.5)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17