Electronic Components Datasheet Search
  English  ▼

X  

STA311B Datasheet(PDF) 44 Page - STMicroelectronics

Part # STA311B
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311B Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STA311B Datasheet HTML 40Page - STMicroelectronics STA311B Datasheet HTML 41Page - STMicroelectronics STA311B Datasheet HTML 42Page - STMicroelectronics STA311B Datasheet HTML 43Page - STMicroelectronics STA311B Datasheet HTML 44Page - STMicroelectronics STA311B Datasheet HTML 45Page - STMicroelectronics STA311B Datasheet HTML 46Page - STMicroelectronics STA311B Datasheet HTML 47Page - STMicroelectronics STA311B Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 102 page
background image
Registers
STA311B
44/102
DocID024340 Rev 1
8.2.14
Channel 3 volume (0x0D)
8.2.15
Channel 4 volume (0x0E)
8.2.16
Channel 5 volume (0x0F)
8.2.17
Channel 6 volume (0x10)
8.2.18
Channel 7 volume (0x11)
8.2.19
Channel 8 volume (0x12)
8.2.20
Channel 1 volume trim, mute, bypass (0x13)
D7
D6
D5
D4
D3
D2
D1
D0
C3V7
C3V6
C3V5
C3V4
C3V3
C3V2
C3V1
C3V0
01
100
00
0
D7
D6
D5
D4
D3
D2
D1
D0
C4V7
C4V6
C4V5
C4V4
C4V3
C4V2
C4V1
C4V0
01
100
00
0
D7
D6
D5
D4
D3
D2
D1
D0
C5V7
C5V6
C5V5
C5V4
C5V3
C5V2
C5V1
C5V0
01
100
00
0
D7
D6
D5
D4
D3
D2
D1
D0
C6V7
C6V6
C6V5
C6V4
C6V3
C6V2
C6V1
C6V0
01
100
00
0
D7
D6
D5
D4
D3
D2
D1
D0
C7V7
C7V6
C7V5
C7V4
C7V3
C7V2
C7V1
C7V0
01
100
00
0
D7
D6
D5
D4
D3
D2
D1
D0
C8V7
C8V6
C8V5
C8V4
C8V3
C8V2
C8V1
C8V0
01
100
00
0
D7
D6
D5
D4
D3
D2
D1
D0
C1M
C1VBP
C1VT4
C1VT3
C1VT2
C1VT1
C1VT0
00
010
00
0