Electronic Components Datasheet Search
  English  ▼

X  

STA311BTR Datasheet(PDF) 97 Page - STMicroelectronics

Part # STA311BTR
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311BTR Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STA311BTR Datasheet HTML 93Page - STMicroelectronics STA311BTR Datasheet HTML 94Page - STMicroelectronics STA311BTR Datasheet HTML 95Page - STMicroelectronics STA311BTR Datasheet HTML 96Page - STMicroelectronics STA311BTR Datasheet HTML 97Page - STMicroelectronics STA311BTR Datasheet HTML 98Page - STMicroelectronics STA311BTR Datasheet HTML 99Page - STMicroelectronics STA311BTR Datasheet HTML 100Page - STMicroelectronics STA311BTR Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 102 page
background image
DocID024340 Rev 1
97/102
STA311B
Startup/shutdown pop noise removal
102
10
Startup/shutdown pop noise removal
10.1
DPT: PWM and tristate delay (0x80)
10.2
Configuration register (0x81)
D7
D6
D5
D4
D3
D2
D1
D0
DPT4
DPT3
DPT2
DPT1
DPT0
11
00
0
Bit
RW
RST
Name
Description
0RW
0
DPT0
Set a delay between the PWM and the tristate
signal to compensate the external amplifier delay.
1RW
0
DPT1
2RW
0
DPT2
3RW
1
DPT3
4RW
1
DPT4
D7
D6
D5
D4
D3
D2
D1
D0
RL3
RL2
RL1
RL0
RD
SID1
FBYP
RTP
00
000
10
1
Bit
RW
RST
Name
Description
0RW
1
RTP
Remove tristate initial pulses
1: remove the tristate initial pulses with frequency less
than 16 kHz
0: the tristate initial pulses are not removed
Bit
RW
RST
Name
Description
1
RW
0
FBYP
Fault user-defined bypass mode
1: the fault internal management is disabled
0: the fault internal management is enabled
Bit
RW
RST
Name
Description
2RW
1
SID1
Serial interface (I²S out)
1: SDO_56 is connected to the fault signal and SDO_78
outputs the tristate signal
0: I²S out normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com