Electronic Components Datasheet Search
  English  ▼

X  

MDU3603 Datasheet(PDF) 6 Page - MagnaChip Semiconductor.

Part # MDU3603
Description  Single P-Channel Trench MOSFET, -30V, -67A, 9.1m(ohm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDU3603 Datasheet(HTML) 6 Page - MagnaChip Semiconductor.

  MDU3603 Datasheet HTML 1Page - MagnaChip Semiconductor. MDU3603 Datasheet HTML 2Page - MagnaChip Semiconductor. MDU3603 Datasheet HTML 3Page - MagnaChip Semiconductor. MDU3603 Datasheet HTML 4Page - MagnaChip Semiconductor. MDU3603 Datasheet HTML 5Page - MagnaChip Semiconductor. MDU3603 Datasheet HTML 6Page - MagnaChip Semiconductor. MDU3603 Datasheet HTML 7Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
May. 2011. Version 1.1
MagnaChip Semiconductor Ltd
.
6
Package Dimension
PowerDFN56 (5x6mm)
Dimensions are in millimeters, unless otherwise specified
Dimension
MILLIMETERS
Min
Max
A
0.90
1.10
b
0.33
0.51
C
0.20
0.34
D1
4.50
5.10
D2
-
4.22
E
5.90
6.30
E1
5.50
6.10
E2
-
4.30
e
1.27BSC
H
0.41
0.71
K
0.20
-
L
0.51
0.71
α
0°
12°



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com