Electronic Components Datasheet Search
  English  ▼

X  

MDU3605 Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MDU3605
Description  Single P-Channel Trench MOSFET, -30V, -35.6A, 17.0m(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDU3605 Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MDU3605 Datasheet HTML 1Page - MagnaChip Semiconductor. MDU3605 Datasheet HTML 2Page - MagnaChip Semiconductor. MDU3605 Datasheet HTML 3Page - MagnaChip Semiconductor. MDU3605 Datasheet HTML 4Page - MagnaChip Semiconductor. MDU3605 Datasheet HTML 5Page - MagnaChip Semiconductor. MDU3605 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
August. 2011. Version 1.1
MagnaChip Semiconductor Ltd
.
2
Ordering Information
Part Number
Temp. Range
Package
Packing
RoHS Status
MDU3605RH
-55~150
oC
PowerDFN56
Tape & Reel
Halogen Free
Electrical Characteristics (Ta = 25
oC unless otherwise noted)
Characteristics
Symbol
Test Condition
Min
Typ
Max
Unit
Static Characteristics
Drain-Source Breakdown Voltage
BVDSS
ID = -250µA, VGS = 0V
-30
-
-
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = -250µA
-1.0
-2.0
-3.0
Drain Cut-Off Current
IDSS
VDS = -30V, VGS = 0V
-
-1
µA
Gate Leakage Current
IGSS
VGS = ±25V, VDS = 0V
-
-
±0.1
Drain-Source ON Resistance
RDS(ON)
VGS = -10V, ID = -8A
-
13.5
17.0
m
VGS = -5V, ID = -8A
20.0
27.0
Forward Transconductance
gFS
VDS = -5V, ID = -8A
21.5
-
S
Dynamic Characteristics
Total Gate Charge
Qg
VDS = -15V, ID = -8A
VGS = -10V
-
22.0
-
nC
Gate-Source Charge
Qgs
-
3.3
-
Gate-Drain Charge
Qgd
-
4.3
-
Input Capacitance
Ciss
VDS = -15V, VGS = 0V,
f = 1.0MHz
-
1035
-
pF
Reverse Transfer Capacitance
Crss
-
150
-
Output Capacitance
Coss
-
260
-
Gate Resistance
Rg
f = 1.0MHz
-
6.4
-
Turn-On Delay Time
td(on)
VGS = -10V ,VDS = -15V,
ID = -8A, RGEN = 3
-
12.0
-
ns
Turn-On Rise Time
tr
-
12.4
-
Turn-Off Delay Time
td(off)
-
52.1
-
Turn-Off Fall Time
tf
-
8.9
-
Drain-Source Body Diode Characteristics
Source-Drain Diode Forward Voltage
VSD
IS = -1A, VGS = 0V
-
-0.71
-1.0
V
Body Diode Reverse Recovery Time
trr
IF = -8A, di/dt = 100A/µs
-
30.8
ns
Body Diode Reverse Recovery Charge
Qrr
-
26.4
-
nC
Note :
1.
Surface mounted RF4 board with 2oz. Copper.
2.
Starting TJ=25°C, L=1.0mH, IAS= -11.0A VDD=-20.0V, VGS=-10.0V. Tested at IAS=-8.5A.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com