Electronic Components Datasheet Search
  English  ▼

X  

MDU5693 Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDU5693
Description  Dual Asymmetric N-channel Trench MOSFET 30V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDU5693 Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDU5693 Datasheet HTML 1Page - MagnaChip Semiconductor. MDU5693 Datasheet HTML 2Page - MagnaChip Semiconductor. MDU5693 Datasheet HTML 3Page - MagnaChip Semiconductor. MDU5693 Datasheet HTML 4Page - MagnaChip Semiconductor. MDU5693 Datasheet HTML 5Page - MagnaChip Semiconductor. MDU5693 Datasheet HTML 6Page - MagnaChip Semiconductor. MDU5693 Datasheet HTML 7Page - MagnaChip Semiconductor. MDU5693 Datasheet HTML 8Page - MagnaChip Semiconductor. MDU5693 Datasheet HTML 9Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Jan. 2015 Ver. 1.0
MagnaChip Semiconductor Ltd.
1
Absolute Maximum Ratings (Ta = 25
oC)
Characteristics
Symbol
FET1
FET2
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
±12
V
Continuous Drain Current
(1)
TC=25
oC (Silicon Limited)
ID
70
135
A
TC=25
oC (Package Limited)
52
100
TC=70
oC
57
108
TA=25
oC
15.3
25
TA=70
oC
12.4
20
Pulsed Drain Current
IDM
208
400
A
Power Dissipation
TC=25
oC
PD
46.3
73
W
TA=25
oC
2.2
2.5
Single Pulse Avalanche Energy
(2)
EAS
43
72
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
Thermal Characteristics
Characteristics
Symbol
FET1
FET2
Unit
Typ.
Max
Typ.
Max
Thermal Resistance, Junction-to-Ambient
(1)
RθJA
47.5
57
41.7
50
oC/W
Thermal Resistance, Junction-to-Case
RθJC
2.2
2.7
1.3
1.7
MDU5693
Dual Asymmetric N-channel Trench MOSFET 30V
General Description
The MDU5693 uses advanced MagnaChip
’s MOSFET
Technology, which provides high performance in on-state
resistance, fast switching performance and excellent
quality.
MDU5693 is suitable for DC/DC converter and
general purpose applications.
Features
FET1
FET2
VDS = 30V
VDS = 30V
ID =
52A
ID =
100A @VGS = 10V
RDS(ON)
< 5.0m
Ω
< 2.5m
Ω @VGS = 10V
< 8.5m
Ω
< 3.2m
Ω @VGS = 4.5V
100% UIL Tested
100% Rg Tested
5
6
7
8
4
3
2
1
G1
D1
D1
D1
G2
S2
S2
S2
1
S1/D2
2
3
4


Similar Part No. - MDU5693

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDU5692S MGCHIP-MDU5692S Datasheet
1Mb / 9P
Dual Asymmetric N-channel Trench MOSFET 30V
MDU5692SVRH MGCHIP-MDU5692SVRH Datasheet
1Mb / 9P
Dual Asymmetric N-channel Trench MOSFET 30V
More results

Similar Description - MDU5693

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6906A AOSMD-AON6906A Datasheet
376Kb / 10P
30V Dual Asymmetric N-Channel MOSFET
AON6908A AOSMD-AON6908A Datasheet
437Kb / 11P
30V Dual Asymmetric N-Channel MOSFET
AON6910A AOSMD-AON6910A Datasheet
429Kb / 11P
30V Dual Asymmetric N-Channel MOSFET
AON6912A AOSMD-AON6912A Datasheet
551Kb / 10P
30V Dual Asymmetric N-Channel MOSFET
AON6920 AOSMD-AON6920 Datasheet
400Kb / 10P
30V Dual Asymmetric N-Channel MOSFET
logo
MagnaChip Semiconductor...
MDU5512 MGCHIP-MDU5512 Datasheet
2Mb / 9P
Dual Asymmetric N-channel Trench MOSFET 30V
MDU5593S MGCHIP-MDU5593S Datasheet
1Mb / 9P
Dual Asymmetric N-channel Trench MOSFET 30V
MDU5692S MGCHIP-MDU5692S Datasheet
1Mb / 9P
Dual Asymmetric N-channel Trench MOSFET 30V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com