Electronic Components Datasheet Search
  English  ▼

X  

MMDFS3P303 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMDFS3P303
Description  Power MOSFET 3 Amps, 30 Volts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDFS3P303 Datasheet(HTML) 1 Page - ON Semiconductor

  MMDFS3P303 Datasheet HTML 1Page - ON Semiconductor MMDFS3P303 Datasheet HTML 2Page - ON Semiconductor MMDFS3P303 Datasheet HTML 3Page - ON Semiconductor MMDFS3P303 Datasheet HTML 4Page - ON Semiconductor MMDFS3P303 Datasheet HTML 5Page - ON Semiconductor MMDFS3P303 Datasheet HTML 6Page - ON Semiconductor MMDFS3P303 Datasheet HTML 7Page - ON Semiconductor MMDFS3P303 Datasheet HTML 8Page - ON Semiconductor MMDFS3P303 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2000
November, 2000 – Rev. 2
1
Publication Order Number:
MMDFS3P303/D
MMDFS3P303
Power MOSFET
3 Amps, 30 Volts
P–Channel SO–8, FETKY
t
The FETKY product family incorporates low RDS(on), MOSFETs
packaged with industry leading, low forward drop, low leakage
Schottky Barrier rectifiers to offer high efficiency components in a
space saving configuration. Independent pinouts for MOSFET and
Schottky die allow the flexibility to use a single component for
switching and rectification functions in a wide variety of applications
such as Buck Converter, Buck–Boost, Synchronous Rectification,
Low Voltage Motor Control, and Load Management in Battery Packs,
Chargers, Cell Phones and other Portable Products.
• Power MOSFET with Low VF, Low IR Schottky Rectifier
• Lower Component Placement and Inventory Costs along with
Board Space Savings
• R2 Suffix for Tape and Reel (2500 units/13″ reel)
• Mounting Information for SO–8 Package Provided
• IDSS Specified at Elevated Temperature
• Applications Information Provided
• Marking: 3P303
MOSFET MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
(Notes 1. & 2.)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
30
Vdc
Drain–to–Gate Voltage (RGS = 1.0 MW)
VDGR
30
Vdc
Gate–to–Source Voltage – Continuous
VGS
"20
Vdc
Drain Current
– Continuous @ TA = 25°C
– Continuous @ TA = 100°C
– Single Pulse (tp
v 10 ms)
ID
ID
IDM
3.5
2.25
12
Adc
Apk
Total Power Dissipation @ TA = 25°C
(Note 3.)
PD
2.0
Watts
Single Pulse Drain–to–Source Avalanche
Energy – STARTING TJ = 25°C
VDD = 30 Vdc, VGS = 10 Vdc, VDS = 20 Vdc,
IL = 9.0 Apk, L = 10 mH, RG = 25 W
EAS
375
mJ
1. Negative sign for P–channel device omitted for clarity.
2. Pulse Test: Pulse Width
≤ 250 µs, Duty Cycle ≤ 2.0%.
3. Mounted on 2
″ square FR4 board (1″ sq. 2 oz. Cu 0.06″ thick single sided),
10 sec. max.
Anode
1
2
3
4
8
7
6
5
Top View
Anode
Source
Gate
Cathode
Cathode
Drain
Drain
Device
Package
Shipping
ORDERING INFORMATION
MMDFS3P303R2
SO–8
2500 Tape & Reel
http://onsemi.com
D
S
G
P–Channel
SO–8
CASE 751
STYLE 18
LYWW
MARKING
DIAGRAM
6N303
L
= Location Code
Y
= Year
WW
= Work Week
PIN ASSIGNMENT
1
8
3 AMPERES
30 VOLTS
RDS(on) = 100 mW
VF = 0.42 Volts


Similar Part No. - MMDFS3P303

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDFS3P303-D ONSEMI-MMDFS3P303-D Datasheet
162Kb / 12P
Power MOSFET 3 Amps, 30 Volts
November, 2000 ??Rev. 2
MMDFS3P303R2 ONSEMI-MMDFS3P303R2 Datasheet
162Kb / 12P
Power MOSFET 3 Amps, 30 Volts
November, 2000 ??Rev. 2
More results

Similar Description - MMDFS3P303

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDF3N03HD ONSEMI-MMDF3N03HD Datasheet
118Kb / 12P
Power MOSFET 3 Amps, 30 Volts
November, 2000 ??Rev. 7
MMDFS3P303-D ONSEMI-MMDFS3P303-D Datasheet
162Kb / 12P
Power MOSFET 3 Amps, 30 Volts
November, 2000 ??Rev. 2
NTB4302 ONSEMI-NTB4302 Datasheet
71Kb / 8P
Power MOSFET 74 Amps, 30 Volts
October, 2003 ??Rev. 1
NTMS3P03R2 ONSEMI-NTMS3P03R2_06 Datasheet
148Kb / 7P
Power MOSFET -3.05 Amps, -30 Volts
March, 2006 ??Rev. 2
NTTS2P03R2 ONSEMI-NTTS2P03R2_05 Datasheet
75Kb / 6P
Power MOSFET -2.48 Amps, -30 Volts
June, 2005 ??Rev. 2
NTMS7N03R2 ONSEMI-NTMS7N03R2_05 Datasheet
98Kb / 10P
Power MOSFET 7 Amps, 30 Volts
June, 2005 ??Rev. 4
NTB75N03L09T4G ONSEMI-NTB75N03L09T4G Datasheet
119Kb / 8P
Power MOSFET 75 Amps, 30 Volts
August, 2013 ??Rev. 13
NTD30N02G ONSEMI-NTD30N02G Datasheet
134Kb / 5P
Power MOSFET 30 Amps, 24 Volts
February, 2006 ??Rev. 3
NTB75N03-6G ONSEMI-NTB75N03-6G Datasheet
80Kb / 7P
Power MOSFET 75 Amps, 30 Volts
August, 2005 ??Rev. 6
NTB75N03-006 ONSEMI-NTB75N03-006 Datasheet
80Kb / 7P
Power MOSFET 75 Amps, 30 Volts
August, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com