Electronic Components Datasheet Search
  English  ▼

X  

STLVDS9637 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLVDS9637
Description  OPERATES WITH A SINGLE 3.3V SUPPLY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS9637 Datasheet(HTML) 4 Page - STMicroelectronics

  STLVDS9637 Datasheet HTML 1Page - STMicroelectronics STLVDS9637 Datasheet HTML 2Page - STMicroelectronics STLVDS9637 Datasheet HTML 3Page - STMicroelectronics STLVDS9637 Datasheet HTML 4Page - STMicroelectronics STLVDS9637 Datasheet HTML 5Page - STMicroelectronics STLVDS9637 Datasheet HTML 6Page - STMicroelectronics STLVDS9637 Datasheet HTML 7Page - STMicroelectronics STLVDS9637 Datasheet HTML 8Page - STMicroelectronics STLVDS9637 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STLVDS9637
4/10
SWITCHING CHARACTERISTICS (Unless otherwise noted. Typical values are referred to TA =25°C
and VCC =3.3V)
Note 1: tsk(O) is the maximum delay time difference between the propagation delay of one channel and that of the others on the same chip
with any event on the inputs.
Note 2: tsk(P) is the magnitude difference in differential propagation delay time between the positive going edge and the negative going edge
of the same channel.
Note 3: tsk(PP) is the differential channel-to-channel skew of any event between devices. This specification applies to devices at the same
VCC, and within 5°C of each other within the operating temperature range.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tPLH
Propagation Delay Time,
Low to High Output
CL = 10pF
Fig. 1
1.5
2.5
3.3
ns
tPHL
Propagation Delay Time,
High to Low Output
1.5
2.5
3.3
ns
tr
Differential Output Signal
Rise Time
0.4
ns
tf
Differential Output Signal
Fall Time
0.4
ns
tsk(O)
Channel to Channel Output
Skew (note1)
0.1
0.3
ns
tsk(P)
Pulse Skew (|tPHL -tPLH|)
(note2)
0.2
0.4
ns
tsk(PP)
Part to Part Skew (note3)
1
ns
tPZH
Propagation Delay Time,
High Impedance to High
Level Output
Fig. 2
3
12
ns
tPZL
Propagation Delay Time,
High Impedance to Low
Level Output
512
ns
tPHZ
Propagation Delay Time,
High Level to High
Impedance Output
512
ns
tPLZ
Propagation Delay Time,
Low Level to High
Impedance Output
512
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com