Electronic Components Datasheet Search
  English  ▼

X  

STMPE812A Datasheet(PDF) 8 Page - STMicroelectronics

Part # STMPE812A
Description  Integrated 4-wire resistive touchscreen controller, pen-down/real-time mode, fullyautonomous
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STMPE812A Datasheet HTML 4Page - STMicroelectronics STMPE812A Datasheet HTML 5Page - STMicroelectronics STMPE812A Datasheet HTML 6Page - STMicroelectronics STMPE812A Datasheet HTML 7Page - STMicroelectronics STMPE812A Datasheet HTML 8Page - STMicroelectronics STMPE812A Datasheet HTML 9Page - STMicroelectronics STMPE812A Datasheet HTML 10Page - STMicroelectronics STMPE812A Datasheet HTML 11Page - STMicroelectronics STMPE812A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
I2C interface
STMPE812A
8/53
Doc ID 18225 Rev 4
2
I2C interface
For the bus master to communicate to the slave device, the bus master must initiate a Start
condition and be followed by the slave device address. Accompanying the slave device
address, there is a read/write bit (R/W). The bit is set to 1 for read and 0 for write operation.
If a match occurs on the slave device address, the corresponding device gives an
acknowledge on the SDA during the 9th bit time. If there is no match, it deselects itself from
the bus by not responding to the transaction.
Figure 4.
I2C timing diagram
Table 3.
I2C timing
Symbol
Parameter
Min
Typ
Max
Unit
fSCL
SCL clock frequency
0
-
400
kHz
tLOW
Clock low period
1.3
-
-
µs
tHIGH
Clock high period
600
-
-
ns
tF
SDA and SCL fall time
Note(1)
1.
Minimum TF is subject to system capacitive load (CLOAD) condition.
-
300
ns
tHD:STA
START condition hold time (after this
period the first clock is generated)
600
-
-
ns
tSU:STA
START condition setup time (only relevant
for a repeated start period)
600
-
-
ns
tSU:DAT
Data setup time
100
-
-
ns
tHD:DAT
Data hold time
0
-
-
µs
tSU:STO
STOP condition setup time
600
-
-
ns
tBUF
Time the bus must be free before a new
transmission can start
1.3
-
-
µs
AI00589
SDA
P
tSU:STO
tSU:STA
tHD:STA
SR
SCL
tSU:DAT
tF
tHD:DAT
tR
tHIGH
tLOW
tHD:STA
tBUF
S
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com