Electronic Components Datasheet Search
  English  ▼

X  

MP4305 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # MP4305
Description  TOSHIBA Power Transistor Module Silicon PNP Epitaxial Type (Darlington power transistor 4 in 1)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP4305 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  MP4305 Datasheet HTML 1Page - Toshiba Semiconductor MP4305 Datasheet HTML 2Page - Toshiba Semiconductor MP4305 Datasheet HTML 3Page - Toshiba Semiconductor MP4305 Datasheet HTML 4Page - Toshiba Semiconductor MP4305 Datasheet HTML 5Page - Toshiba Semiconductor MP4305 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MP4305
2002-11-20
4
Collector-emitter voltage VCE (V)
IC – VCE
Base-emitter voltage VBE (V)
IC – VBE
Collector current IC (A)
hFE – IC
Base current IB (mA)
VCE – IB
Collector current IC (A)
VCE (sat) – IC
Collector current IC (A)
VBE (sat) – IC
0
0
−2
−4
−6
−8
−0.8
−1.6
−2.4
−3.2
−4.0
Common emitter
VCE = −5 V
25
−55
Ta = 100°C
0
0
−0.5
IB = −0.2 mA
Common emitter
Ta = 25°C
−0.3
−1.0
−1.5
−2
−4
−6
−8
−2
−4
−6
−8
−10
−0.7
−3
−10
200
−0.05
25
Ta = 100°C
−55
−0.1
−0.3
−1
−3
−10
−20
500
1000
3000
5000
10000
30000
Common emitter
VCE = −5 V
Common emitter
Ta = 25°C
−0.4
−0.1
−5
IC = −8 A
−7
−6
−2
−1
−0.5
−4
−3
−0.1
−1
−10
−100
−1000
−0.8
−1.2
−1.6
−2.0
−2.4
−2.8
−0.1
−0.3
Common emitter
IC/IB = 500
−0.5
−1
−3
−5
−10
−0.3
−1
−3
−10
25
Ta = −55°C
100
−0.3
−0.3
Common emitter
IC/IB = 500
−0.1
−1
−3
−10
−0.5
−1
−3
−5
−10
25
Ta = −55°C
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com