Electronic Components Datasheet Search
  English  ▼

X  

STOD32WJR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STOD32WJR
Description  100 mA triple DC-DC converter for powering AMOLED displays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD32WJR Datasheet(HTML) 5 Page - STMicroelectronics

  STOD32WJR Datasheet HTML 1Page - STMicroelectronics STOD32WJR Datasheet HTML 2Page - STMicroelectronics STOD32WJR Datasheet HTML 3Page - STMicroelectronics STOD32WJR Datasheet HTML 4Page - STMicroelectronics STOD32WJR Datasheet HTML 5Page - STMicroelectronics STOD32WJR Datasheet HTML 6Page - STMicroelectronics STOD32WJR Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DocID026451 Rev 1
5/7
STOD32W
Package mechanical data
Figure 3. Flip Chip 12 (1.618x1.710 mm) recommended footprint
Note:
All dimensions are in mm.
Table 3. Flip Chip 12 (1.618x1.710 mm) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.49
0.55
0.61
A1
0.17
0.20
0.23
A2
0.27
0.30
0.33
b
0.23
0.26
0.29
D
1.68
1.71
1.74
D1
1.20
E
1.588
1.618
1.648
E1
0.80
e0.40
fD
0.255
fE
0.409
SD
0.20
ccc
0.08
$0.05



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com