Electronic Components Datasheet Search
  English  ▼

X  

STPA008-QIX Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPA008-QIX
Description  4 x 50 W MOSFET quad bridge power amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA008-QIX Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPA008-QIX Datasheet HTML 6Page - STMicroelectronics STPA008-QIX Datasheet HTML 7Page - STMicroelectronics STPA008-QIX Datasheet HTML 8Page - STMicroelectronics STPA008-QIX Datasheet HTML 9Page - STMicroelectronics STPA008-QIX Datasheet HTML 10Page - STMicroelectronics STPA008-QIX Datasheet HTML 11Page - STMicroelectronics STPA008-QIX Datasheet HTML 12Page - STMicroelectronics STPA008-QIX Datasheet HTML 13Page - STMicroelectronics STPA008-QIX Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Electrical specifications
STPA008
10/29
DocID027887 Rev 2
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Thermal data
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Operating supply voltage
18
V
VS (DC)
DC supply voltage
28
V
VS (pk)
Peak supply voltage (for t = 50 ms)
50
V
IO
Output peak current
Non repetitive (t = 100 μs)
Repetitive (duty cycle 10 % at f = 10 Hz)
10
9
A
A
Ptot
Power dissipation Tcase = 70 °C
85
W
Tj
Junction temperature
150
°C
Tstg
Storage temperature
-55 to 150
°C
GNDmax Ground pins voltage
-0.3 to 0.3
V
Vin max
Input pin max voltage
-0.3 to 8
V
VSB max ST-BY pin max voltage
-0.3 to Vs (pk)
V
Vmute max Mute pin max voltage
-0.3 to 6
V
Table 4. Thermal data
Symbol
Parameter
Value
Unit
Rth j-case Thermal resistance junction-to-case
Max
1
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com