Electronic Components Datasheet Search
  English  ▼

X  

MRF616 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MRF616
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MRF616 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MRF616 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCES
IC = 5.0 mA
36
V
BVCEO
IC = 50 mA
16
V
BVEBO
IE = 1.0 mA
4.0
V
hFE
VCE = 5.0 V
IC = 150 mA
20
---
COB
VCB = 12.5 V
f = 1.0 MHz
3.5
pF
PG
ηηηη
C
VCE = 12.5 V
POUT = 1.0 W
f = 470 MHz
10
11
65
dB
%
PACKAGE STYLE .280" 4L PILL
NPN SILICON RF POWER TRANSISTOR
MRF616
DESCRIPTION:
The
MRF616 is Designed for
Common Emitter Class C Amplifier
Applications in 12.5 Volt UHF Mobile
Radios.
FEATURES INCLUDE:
•••• High Gain, 11 DB Typical
•••• Gold Metallization
•••• Emitter Ballasting
MAXIMUM RATINGS
IC
250 mA
VCBO
36 V
PDISS
5.0 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +200 OC
θθθθ
JC
35
OC/W
MINIMUM
inches / mm
.004 / 0.10
.275 / 6.99
.050 / 1.27
B
C
D
E
F
A
MAXIMUM
.285 / 7.24
.060 . 1.52
.130 / 3.30
.006 / 0.15
inches / mm
1.055 / 26.80
DIM
.220 / 5.59
.230 / 5.84
.118 / 3.00
D
E
F
ØB
ØC
A
CB
E
E


Similar Part No. - MRF616

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MRF6.3 BEL-MRF6.3 Datasheet
102Kb / 2P
Fast Acting Radial Lead Micro Fuse Series
logo
Advanced Semiconductor
MRF604 ASI-MRF604 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
Microsemi Corporation
MRF607 MICROSEMI-MRF607 Datasheet
114Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Advanced Power Technolo...
MRF607 ADPOW-MRF607 Datasheet
157Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
MRF607 NJSEMI-MRF607 Datasheet
73Kb / 2P
The RF Line
More results

Similar Description - MRF616

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com