Electronic Components Datasheet Search
  English  ▼

X  

MX633P Datasheet(PDF) 7 Page - Microsemi Corporation

Part # MX633P
Description  CALL PROCRESS TONE DETECTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MX633P Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button MX633P Datasheet HTML 3Page - Microsemi Corporation MX633P Datasheet HTML 4Page - Microsemi Corporation MX633P Datasheet HTML 5Page - Microsemi Corporation MX633P Datasheet HTML 6Page - Microsemi Corporation MX633P Datasheet HTML 7Page - Microsemi Corporation MX633P Datasheet HTML 8Page - Microsemi Corporation MX633P Datasheet HTML 9Page - Microsemi Corporation MX633P Datasheet HTML 10Page - Microsemi Corporation MX633P Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Call Progress Tone Detector
7
MX633 - PRELIMINARY INFORMATION
© 1997 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 910 744-5050
Fax: 910 744-5054
Doc. # 20480135.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
4.3.3 Control Logic
This block categorizes the nature of the signal into various decode output states and controls the two output pins.
See Table 3.
4.3.4 Xtal/Clock Oscillator
If the on-chip Xtal oscillator is to be used, then external components X1, R1, C1 and C2 are required. If an external clock
source is to be used, then it should be connected to the XTAL/CLOCK input pin and the XTAL pin should be left
unconnected.
4.4 Decode Output Truth Table
DETECT2
DETECT1
CONDITIONS
0
0
No Signal
0
1
Call Progress Low Band:
Will detect 350+440, 400+450, 440+480,400,
425, 440, and 450Hz tones
1
1
Call Progress High Band:
Will detect 480+620, 600 and 620Hz tones
1
0
Non Call Progress signal, e.g. voice activity
Note:
1.
DETECT1 responds to the entire range of call progress tones from 340Hz to 650Hz.
Table 3: Decode Output Truth Table
5. Performance Specification
5.1 Electrical Performance
5.1.1 Absolute Maximum Ratings
Exceeding these maximum ratings can result in damage to the device.
General
Min.
Max.
Units
Supply (VDD - VSS)
–
0.3
7.0
V
Voltage on any pin to VSS
–
0.3
VDD + 0.3
V
Current
VDD
–
30
30
mA
VSS
–
30
30
mA
Any other pin
–
20
20
mA
DW / DIP Package
Total Allowable Power Dissipation at TAMB = 25°C
800
mW
Derating above 25°C
13
mW/°C above 25°C
Storage Temperature
–
55
125
°C
Operating Temperature
–
40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com