Electronic Components Datasheet Search
  English  ▼

X  

KSA Datasheet(PDF) 3 Page - C&K Components

Part # KSA
Description  Designed for automatic or manual insertion
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSA Datasheet(HTML) 3 Page - C&K Components

  KSA Datasheet HTML 1Page - C&K Components KSA Datasheet HTML 2Page - C&K Components KSA Datasheet HTML 3Page - C&K Components KSA Datasheet HTML 4Page - C&K Components KSA Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
B–86
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
B
1 mar 17
0,5 x 0,3
(.020 x .012)
0,8 x 0,3
(.031 x .012)
0,4
(.016)
3,0
(.118)
2,54
(.10)
5,08
(.20)
7,6
(.300)
9,5
(.374)
L
INSERTION
M MANUAL (BULK PACKAGING)
A AUTOMATIC (TUBE PACKAGING, 65 PIECES PER TUBE)
V VERTICAL
Ground terminal
(option)
7.62
(.30)
PCB LAYOUT
PCB LAYOUT
7,62
(.30)
9,0
(.354)
8,2
(.322)
0,5 x 0,3
(.020 x .012)
5,08
(.20)
7,62
(.300)
ø1,2
(.047)
ø0,9
(.035)
5,08
(.200)
OPERATING FORCE
OPTION
CODE
OPERATING FORCE
2
1.3 N (130 grams)
100,000 operations
3
1.3 N (130 grams)
1,000,000 operations
4
3.0 N (300 grams)
100,000 operations
5
5.0 N (500 grams)
100,000 operations
9
3.0 N (300 grams)
500,000 operations
KSA & KSL Series
Sealed Tact Switch
Type
L mm
inch
KSA0V
5,8
.228
KSL0V
11,1
.437
DIMENSION L
5,08±0,1
ø -0,06
3
9,5 ±0,3
x 0,3±0,01
0,5
ø 4,8 ±0,05
ø 0,9
5,08
8,2±0,2
(.322±.008)
(.189-.020)
(.374±.012)
(.020 x .012±.004)
(.20±.004)
(.354)
(.20)
PCB LAYOUT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com