Electronic Components Datasheet Search
  English  ▼

X  

FR256 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # FR256
Description  2.5 AMP FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

FR256 Datasheet(HTML) 1 Page - Nanjing International Group Co

  FR256 Datasheet HTML 1Page - Nanjing International Group Co FR256 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=75 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 2.
5A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
2.
5
85
5.0
100
40
-65
+150
V
A
A
V
µA
µA
nS
pF
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.40 grams
1.3
250
500
150
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
2.
5 Amperes
Dimensions in inches and (millimeters)
DO-15
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.300(7.6)
.230(5.8)
.03
1(.8)
.02
3(.6)
DIA.
.140(3.6)
.104(2.6)
DIA.
Operating and Storage Temperature Range T , T
J
STG
C
FR2
51 FR252 FR253 FR254 FR255 FR256 FR257 UNITS
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request
FR251 THRU FR257
2.5 AMP FAST RECOVERY RECTIFIERS


Similar Part No. - FR256

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR256 RECTRON-FR256 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.5 Amperes)
logo
EIC discrete Semiconduc...
FR256 EIC-FR256 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
logo
GOOD-ARK Electronics
FR256 GOOD-ARK-FR256 Datasheet
199Kb / 3P
FAST RECOVERY RECTIFIER
logo
Leshan Radio Company
FR256 LRC-FR256 Datasheet
50Kb / 2P
2.5A FAST RECOVERY DIODES
logo
DAESAN ELECTRONIC CORP.
FR256 DAESAN-FR256 Datasheet
314Kb / 2P
CURRENT 2.5 Amperes VOLTAGE 50 to 1000 Volts
More results

Similar Description - FR256

ManufacturerPart #DatasheetDescription
logo
Surge Components
FR101 SURGE-FR101 Datasheet
119Kb / 2P
1.0 AMP. Fast Recovery Rectifiers
logo
Bytes
FR151 BYTES-FR151 Datasheet
152Kb / 2P
1.5 AMP FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_1 Datasheet
272Kb / 2P
1.0 AMP. Fast Recovery Rectifiers
logo
Nanjing International G...
FR251 DGNJDZ-FR251 Datasheet
268Kb / 2P
2.5 AMP FAST RECOVERY RECTIFIERS
FR251-2C2.5A-2CDO-15 DGNJDZ-FR251-2C2.5A-2CDO-15 Datasheet
300Kb / 2P
2.5 AMP FAST RECOVERY RECTIFIERS
FR252-2C2.5A-2CDO-15 DGNJDZ-FR252-2C2.5A-2CDO-15 Datasheet
300Kb / 2P
2.5 AMP FAST RECOVERY RECTIFIERS
FR253-2C2.5A-2CDO-15 DGNJDZ-FR253-2C2.5A-2CDO-15 Datasheet
300Kb / 2P
2.5 AMP FAST RECOVERY RECTIFIERS
FR254-2C2.5A-2CDO-15 DGNJDZ-FR254-2C2.5A-2CDO-15 Datasheet
300Kb / 2P
2.5 AMP FAST RECOVERY RECTIFIERS
FR255-2C2.5A-2CDO-15 DGNJDZ-FR255-2C2.5A-2CDO-15 Datasheet
300Kb / 2P
2.5 AMP FAST RECOVERY RECTIFIERS
FR256-2C2.5A-2CDO-15 DGNJDZ-FR256-2C2.5A-2CDO-15 Datasheet
300Kb / 2P
2.5 AMP FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com