Electronic Components Datasheet Search
  English  ▼

X  

US5M Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # US5M
Description  5.0 AMP HIGH EFFICIENCY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

US5M Datasheet(HTML) 1 Page - Nanjing International Group Co

  US5M Datasheet HTML 1Page - Nanjing International Group Co US5M Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US5A
US5M
THRU
5.0 AMP HIGH EFFICIENCY RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 5.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range Tj, TSTG
5
.0
1.0
1.3
1.65
280
5
150
50
70
75
-65
+150
V
A
A
V
mA
mA
nS
pF
C
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
5
.0 Amperes
50
100
200
400
600
800
1000
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
V
V
* Weight: 0.063 grams
FEATURES
MECHANICAL DATA
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: Solder plated, solderable per MIL-STD-202F,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
.
UNITS
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request
DO-214AB(SMC)
Dimensions in inches and (millimeters)
.305(7.75)
.320(8.13)
.260(6.60)
.280(7.11)
.006(0.152)
.012(0.305)
.108(2.75)
.128(3.25)
.079(2.00)
.103(2.62)
.030(0.76)
.050(1.27)
.220(5.59)
.245(6.22)
.008
(.203)
MAX.
US5A
US5B
US5D US5G
US5J
US5K
US5M


Similar Part No. - US5M

ManufacturerPart #DatasheetDescription
logo
Semikron International
US5M SEMIKRON-US5M Datasheet
232Kb / 2P
Ultrafast silicon rectifier diodes
logo
Shenzhen Luguang Electr...
US5M LUGUANG-US5M Datasheet
192Kb / 2P
Surface Mount Rectifiers
logo
Formosa MS
US5M FORMOSA-US5M Datasheet
119Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Thinki Semiconductor Co...
US5M THINKISEMI-US5M Datasheet
775Kb / 2P
5.0 Ampere SMD Glass Passivated Ultra Fast Recovery Rectifier Diodes
logo
Microdiode Semiconducto...
US5M CHENDA-US5M Datasheet
636Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Similar Description - US5M

ManufacturerPart #DatasheetDescription
logo
Bytes
HER501 BYTES-HER501 Datasheet
154Kb / 2P
5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Formosa MS
HER501 FORMOSA-HER501 Datasheet
34Kb / 2P
5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Taiwan Semiconductor Co...
HER501 TSC-HER501 Datasheet
259Kb / 2P
5.0 AMP. High Efficiency Rectifiers
logo
Nanjing International G...
HER504-2C5A-2CDO-27 DGNJDZ-HER504-2C5A-2CDO-27 Datasheet
253Kb / 2P
5.0 AMP HIGH EFFICIENCY RECTIFIERS
HER507-2C5A-2CDO-27 DGNJDZ-HER507-2C5A-2CDO-27 Datasheet
253Kb / 2P
5.0 AMP HIGH EFFICIENCY RECTIFIERS
US5A-2C5A-2CDO-214AB DGNJDZ-US5A-2C5A-2CDO-214AB Datasheet
143Kb / 2P
5.0 AMP HIGH EFFICIENCY RECTIFIERS
US5B-2C5A-2CDO-214AB DGNJDZ-US5B-2C5A-2CDO-214AB Datasheet
143Kb / 2P
5.0 AMP HIGH EFFICIENCY RECTIFIERS
US5K-2C5A-2CDO-214AB DGNJDZ-US5K-2C5A-2CDO-214AB Datasheet
143Kb / 2P
5.0 AMP HIGH EFFICIENCY RECTIFIERS
US5M-2C5A-2CDO-214AB DGNJDZ-US5M-2C5A-2CDO-214AB Datasheet
143Kb / 2P
5.0 AMP HIGH EFFICIENCY RECTIFIERS
HER501-2C5A-2CDO-27 DGNJDZ-HER501-2C5A-2CDO-27 Datasheet
220Kb / 2P
5.0 AMP HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com