Electronic Components Datasheet Search
  English  ▼

X  

CLT01-38S4 Datasheet(PDF) 2 Page - STMicroelectronics

Part # CLT01-38S4
Description  High speed protected digital termination array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT01-38S4 Datasheet(HTML) 2 Page - STMicroelectronics

  CLT01-38S4 Datasheet HTML 1Page - STMicroelectronics CLT01-38S4 Datasheet HTML 2Page - STMicroelectronics CLT01-38S4 Datasheet HTML 3Page - STMicroelectronics CLT01-38S4 Datasheet HTML 4Page - STMicroelectronics CLT01-38S4 Datasheet HTML 5Page - STMicroelectronics CLT01-38S4 Datasheet HTML 6Page - STMicroelectronics CLT01-38S4 Datasheet HTML 7Page - STMicroelectronics CLT01-38S4 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Description
CLT01-38S4
2/8
DocID024384 Rev1
1
Description
CLT01-38S4 adds to the existing current limiter family. Still focusing on power consumption
savings, the whole series allows each customer to find the right solution.
The CLT01-38S4 is an octal input termination device with a high speed SPI output. Its
maximum input data rate is 400 kbps while the output SPI speed is 6.25 MHz.
As in previous versions, robustness is a key feature of CLT01-38S4. The product is
compliant with surge standards defined in IEC 61000-4-x.
It can run all types of sensor according to IEC 61131-2. Type 1 and 3 with a 2.35 mA limited
current and type 2 using two inputs per sensor with the correct RREF.
2
Characteristics
2.1
Simplified block diagram
Figure 1. Simplified block diagram
MOSI
Current
reference
8 lines
4 lines
8 lines
Power
reset
Power
supply
Parity
bits generator
Over temperature
alarm
Under voltage
alarm
Shift
Write
MISO, /MISO control
Capture
MOSI
Shift
16- bit
V
DD
V
DD
V
DD
V
DD
V
C
V
R
V
IN <V
R
V
CS
SCK
COMP
P
REF
/CS
SPM
MISO
/MISO
V
DD
V
DD
V
DD
IN
1
LD
1
DVR



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com