Electronic Components Datasheet Search
  English  ▼

X  

ECMF06-6HSM16 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ECMF06-6HSM16
Description  Common mode filter with ESD protection for high speed serial interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF06-6HSM16 Datasheet(HTML) 2 Page - STMicroelectronics

  ECMF06-6HSM16 Datasheet HTML 1Page - STMicroelectronics ECMF06-6HSM16 Datasheet HTML 2Page - STMicroelectronics ECMF06-6HSM16 Datasheet HTML 3Page - STMicroelectronics ECMF06-6HSM16 Datasheet HTML 4Page - STMicroelectronics ECMF06-6HSM16 Datasheet HTML 5Page - STMicroelectronics ECMF06-6HSM16 Datasheet HTML 6Page - STMicroelectronics ECMF06-6HSM16 Datasheet HTML 7Page - STMicroelectronics ECMF06-6HSM16 Datasheet HTML 8Page - STMicroelectronics ECMF06-6HSM16 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Characteristics
ECMF06-6HSM16
2/13
DocID024992 Rev 2
1
Characteristics
Figure 2. Electrical characteristics (definitions)
Table 1. Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage
IEC 61000-4-2
Contact discharge (connector side)
Air discharge (connector side)
8
16
kV
IDC
Maximum DC current
100
mA
Top
Operating temperature range
-40 to +85
°C
Tj
Maximum junction temperature
125
°C
Tstg
Storage temperature range
- 55 to +150
°C
Symbol
Parameter
V
=
Breakdown voltage
BR
I
=
Leakage current @ V
RM
RM
V
=
Stand-off voltage
RM
I
=
Breakdown current
R
I
V
I
RM
I
R
V
RM
V
BR
Table 2. Electrical characteristics (Tamb = 25 °C)
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
6
V
IRM
VRM = 3 V per line
100
nA
RDC
DC serial resistance
5
Ω
Table 3. Pin description
Pin
number
Description
Pin
number
Description
Pin
number
Description
Pin
number
Description
1
D1+
to connector
5
D2-
to connector
9
D3-
to IC
13
D2+
to IC
2
D1-
to connector
6GND
10
D3+
to IC
14
GND
3GND
7
D3+
to connector
11
GND
15
D1-
to IC
4
D2+
to connector
8
D3-
to connector
12
D2-
to IC
16
D1+
to IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com