Electronic Components Datasheet Search
  English  ▼

X  

EMIF06-HSD04F3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF06-HSD04F3
Description  Very low PCB space consumption
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-HSD04F3 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF06-HSD04F3 Datasheet HTML 1Page - STMicroelectronics EMIF06-HSD04F3 Datasheet HTML 2Page - STMicroelectronics EMIF06-HSD04F3 Datasheet HTML 3Page - STMicroelectronics EMIF06-HSD04F3 Datasheet HTML 4Page - STMicroelectronics EMIF06-HSD04F3 Datasheet HTML 5Page - STMicroelectronics EMIF06-HSD04F3 Datasheet HTML 6Page - STMicroelectronics EMIF06-HSD04F3 Datasheet HTML 7Page - STMicroelectronics EMIF06-HSD04F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DocID027072 Rev 1
3/8
EMIF06-HSD04F3
Characteristics
Figure 3. Electrical characteristics (definitions)
Table 3. Electrical characteristics (values, Tamb = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBR
Breakdown voltage
IR = 1 mA
5
9
V
IRM
Leakage current at VRM
VRM = 3 V per line
100
nA
Cline
Data line capacitance
VBIAS = 0 V, F = 10 MHz, VOSC = 30 mV
4.5
pF
R1, R2, R3,
R4, R5, R6
Serial resistance
Tolerance ±23%
1
Ω
R9, R10, R11,
R12
Pull-up resistance
Tolerance ±20%
40
50
60
k
Ω
R13
Pull-up resistance on cmd Tolerance ±20%
12
15
18
k
Ω
Figure 4. Attenuation versus frequency
Figure 5. Analog crosstalk versus frequency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com