Electronic Components Datasheet Search
  English  ▼

X  

ESDA18-1K Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDA18-1K
Description  EOS and ESD Transil™ protection for charger and battery port
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA18-1K Datasheet(HTML) 1 Page - STMicroelectronics

  ESDA18-1K Datasheet HTML 1Page - STMicroelectronics ESDA18-1K Datasheet HTML 2Page - STMicroelectronics ESDA18-1K Datasheet HTML 3Page - STMicroelectronics ESDA18-1K Datasheet HTML 4Page - STMicroelectronics ESDA18-1K Datasheet HTML 5Page - STMicroelectronics ESDA18-1K Datasheet HTML 6Page - STMicroelectronics ESDA18-1K Datasheet HTML 7Page - STMicroelectronics ESDA18-1K Datasheet HTML 8Page - STMicroelectronics ESDA18-1K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
September 2010
Doc ID 17883 Rev 1
1/10
10
ESDA-1K
EOS and ESD Transil™ protection for charger and battery port
Features
■ Breakdown voltage: 12 V, 18 V
■ Unidirectional device
■ High peak power dissipation: 450 W (8/20 µs
waveform)
■ ESD protection level better than
IEC 61000-4-2 level 4: 30 kV contact
discharge.
■ Low leakage current < 0.5 µA at 5 V
■ PCB area: 1.3 mm2
Benefits
■ High EOS and ESD protection level
■ High integration
■ Suitable for high density board
■ Small package
Complies with the following standards
■ IEC 61000-4-2 level 4
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ MIL STD 883G - Method 3015-7 Class 3B
– HBM (Human Body Model):
≥ 8 kV
Applications
Where transient overvoltage protection in ESD
sensitive equipment is required, such as:
■ Computers
■ Printers
■ Communication systems
■ Cellular phone handsets and accessories
■ Video equipment
Figure 1.
Functional diagram
Description
The ESDA-1K is a single line Transil diode
designed specifically for the protection of
integrated circuits in portable equipment and
miniaturized electronics devices subject to ESD
and EOS transient overvoltages.
TM: Transil is a trademark of STMicroelectronics.
SOD-523
Pin 1
Pin 2
www.st.com


Similar Part No. - ESDA18-1K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA18-1K STMICROELECTRONICS-ESDA18-1K Datasheet
168Kb / 10P
EOS and ESD Transil protection for charger and battery port
02-Sep-2010
More results

Similar Description - ESDA18-1K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA8V2-1MX2 STMICROELECTRONICS-ESDA8V2-1MX2 Datasheet
254Kb / 10P
EOS and ESD Transil protection for charger and battery port
27-Aug-2008
ESDA18-1K STMICROELECTRONICS-ESDA18-1K Datasheet
168Kb / 10P
EOS and ESD Transil protection for charger and battery port
02-Sep-2010
ESDA8V2-1J STMICROELECTRONICS-ESDA8V2-1J Datasheet
138Kb / 7P
EOS and ESD Transil™ protection for charger and battery port
11-Aug-2009
ESDCAN0X-2BWY STMICROELECTRONICS-ESDCAN0X-2BWY Datasheet
378Kb / 8P
Dual-line ESD and EOS protection
December 2016 Rev 4
logo
Semtech Corporation
RCLAMP3521ZA SEMTECH-RCLAMP3521ZA Datasheet
1Mb / 8P
Low Capacitance ESD and EOS Protection
UCLAMP2492SQ SEMTECH-UCLAMP2492SQ Datasheet
815Kb / 8P
24V ESD and EOS Protection for Automotive Applications
UCLAMP2424PWQ SEMTECH-UCLAMP2424PWQ Datasheet
735Kb / 8P
24V ESD and EOS Protection for Automotive Applications
Rev 2.2 4/25/2022
UCLAMP2482PWQ SEMTECH-UCLAMP2482PWQ Datasheet
829Kb / 10P
24V ESD and EOS Protection for 2-Line Automotive Applications
logo
STMicroelectronics
ESDA37W STMICROELECTRONICS-ESDA37W Datasheet
218Kb / 10P
Dual Transil™ array for ESD protection
18-Dec-2017
logo
Guangdong Youtai Semico...
ESDA8V2-1J UMW-ESDA8V2-1J Datasheet
316Kb / 5P
High EOS and ESD protection level
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com