Electronic Components Datasheet Search
  English  ▼

X  

OPA511 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA511
Description  High Current-High Power OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA511 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  OPA511 Datasheet HTML 1Page - Burr-Brown (TI) OPA511 Datasheet HTML 2Page - Burr-Brown (TI) OPA511 Datasheet HTML 3Page - Burr-Brown (TI) OPA511 Datasheet HTML 4Page - Burr-Brown (TI) OPA511 Datasheet HTML 5Page - Burr-Brown (TI) OPA511 Datasheet HTML 6Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
®
OPA511
4
TYPICAL PERFORMANCE CURVES
T
A = +25°C, VS = ±28VDC unless otherwise noted.
70
60
50
40
30
20
10
0
0
20
40
60
80
100
120
140
Temperature, T (°C)
POWER DERATING
T = T
C
T = T
A
3.5
3.0
2.5
2.0
1.5
1.0
0.5
–50
0
–25
0
25
50
75
100
125
Case Temperature, T
C (°C)
CURRENT LIMIT
R
CL = 0.6Ω
R
CL = 0.3Ω
0
–30
–60
–90
–120
–150
–180
–210
1
10
100
1k
10k
100k
1M
10M
Frequency, f (Hz)
PHASE RESPONSE
120
100
80
60
40
20
0
–20
1
10
100
1k
10k
100k
1M
10M
Frequency, f (Hz)
SMALL SIGNAL RESPONSE
100
68
46
32
22
15
10
6.8
4.6
10
20
30
50
70
100
POWER RESPONSE
Frequency, f (kHz)
|+V
S| + |–VS| = 60V
2.8
2.5
2.2
1.9
1.6
1.3
1.0
–50
0.7
–25
0
25
50
75
100
125
Case Temperature, T
C (°C)
BIAS CURRENT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com