Electronic Components Datasheet Search
  English  ▼

X  

ESDA8V2-1J Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDA8V2-1J
Description  EOS and ESD Transil™ protection for charger and battery port
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA8V2-1J Datasheet(HTML) 2 Page - STMicroelectronics

  ESDA8V2-1J Datasheet HTML 1Page - STMicroelectronics ESDA8V2-1J Datasheet HTML 2Page - STMicroelectronics ESDA8V2-1J Datasheet HTML 3Page - STMicroelectronics ESDA8V2-1J Datasheet HTML 4Page - STMicroelectronics ESDA8V2-1J Datasheet HTML 5Page - STMicroelectronics ESDA8V2-1J Datasheet HTML 6Page - STMicroelectronics ESDA8V2-1J Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
ESDA8V2-1J
2/7
Doc ID 15646 Rev 1
1
Characteristics
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
ESD discharge:
IEC 61000-4-2 air discharge on input pin
IEC 61000-4-2 contact discharge on input pin
MIL STD 883G - Method 3015-7: class 3B
±30
±30
±30
kV
PPP
Peak pulse power dissipation (8/20 µs) (1)
Tj initial = Tamb
500
W
IPP
Peak pulse current (8/20 µs)
25
A
Tj
Junction temperature range
-40 to +125
°C
Tstg
Storage temperature range
- 55 to +150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
1.
For a surge greater than the maximum values, the diode will fail in short-circuit
Table 2.
Electrical characteristics (definitions)
Symbol
Parameter
VBR
Breakdown voltage
IRM
Leakage current @ VRM
VRM
Stand-of voltage
VCL
Clamping voltage
IPP
Peak pulse current
C
Input capacitance
VV
V
I RM
I R
I PP
V
I
I F
V
V
Slope= 1/ Rd
V
V
CL
V
BR
RM
V
F
Table 3.
Electrical characteristics (values, Tamb = 25 °C)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VBR
Breakdown voltage
IR = 1 mA
8.2
-
-
V
IRM
Leakage current @ VRM
VRM = 5 V
-0.1
0.5
µA
VCL
Clamping voltage
(8/20 µs waveform)
IPP = 1 A
-
-
11
V
IPP = 5 A
-
-
13
V
Ipp = 25 A
-
-
20
V
C
Input capacitance
VR = 0 V, Fosc = 1 MHz,
Vosc = 30 mV
-
210
250
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com