Electronic Components Datasheet Search
  English  ▼

X  

ESDA14V2-1BF3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDA14V2-1BF3
Description  Single-line bidirectional Transil™ array for ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14V2-1BF3 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDA14V2-1BF3 Datasheet HTML 1Page - STMicroelectronics ESDA14V2-1BF3 Datasheet HTML 2Page - STMicroelectronics ESDA14V2-1BF3 Datasheet HTML 3Page - STMicroelectronics ESDA14V2-1BF3 Datasheet HTML 4Page - STMicroelectronics ESDA14V2-1BF3 Datasheet HTML 5Page - STMicroelectronics ESDA14V2-1BF3 Datasheet HTML 6Page - STMicroelectronics ESDA14V2-1BF3 Datasheet HTML 7Page - STMicroelectronics ESDA14V2-1BF3 Datasheet HTML 8Page - STMicroelectronics ESDA14V2-1BF3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
ESDA14V2-1BF3
2/9
Doc ID 15894 Rev 1
1
Characteristics
Figure 2.
Electrical characteristics (definitions)
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage:
IEC61000-4-2 air discharge
IEC61000-4-2 contact discharge
±15
±8
kV
PPP
Peak pulse power dissipation (8/20 µs) (1)
Tj initial = Tamb
50
W
Tj
Junction temperature
125
°C
Tstg
Storage temperature range
- 55 to +150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Top
Operating junction temperature range
-40 to +125
°C
1.
For a surge greater than the maximum values, the diode will fail in short-circuit
Symbol Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current @ VRM
RD
Dynamic resistance
T
Voltage - temperature coefficient
Cline
Line capacitance
α
Table 2.
Electrical characteristics (values, Tamb = 25 °C)
Symbol
Test condition
Min.
Typ.
Max
Unit
VBR
IR = 1 mA
14.2
-
18.0
V
IRM
VRM = 12 V
--
0.5
µA
VRM = 3 V
--
0.1
Rd
Square pulse, IPP = 3 A tp = 2.5 µs
-
2.2
-
Ω
αT
ΔVBR = αT(Tamb - 25 °C) x VBR (25 °C)
-
-
6.5
10-4/°C
Cline
VR = 0 V, F = 1 MHz, Vosc = 30 mV
-
10
-
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com