Electronic Components Datasheet Search
  English  ▼

X  

C10892 Datasheet(PDF) 1 Page - Cree, Inc

Part # C10892
Description  Gt3 series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C10892 Datasheet(HTML) 1 Page - Cree, Inc

  C10892 Datasheet HTML 1Page - Cree, Inc C10892 Datasheet HTML 2Page - Cree, Inc C10892 Datasheet HTML 3Page - Cree, Inc C10892 Datasheet HTML 4Page - Cree, Inc C10892 Datasheet HTML 5Page - Cree, Inc C10892 Datasheet HTML 6Page - Cree, Inc C10892 Datasheet HTML 7Page - Cree, Inc C10892 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCT DATASHEET
Gt3 series
last update 10/11/2014
DETAILS
Product Number
C10892_GT3-M
Family
Gt3
Type
Lens array
Color
clear
Diameter
35 mm
Height
9 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
pin, glue
Status
production ready
ROHS Comliant
Yes
Date Updated
10/11/2014
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-E
27 deg
Medium
91 %
2.710
-
XP-G
34 deg
Medium
92 %
1.840
-
XB-D
25 deg
Medium
91 %
2.000
-
LUXEON Rebel
28 deg
Medium
89 %
-
-
LUXEON Rebel ES
32 deg
Medium
86 %
-
-
LUXEON A
32 deg
Medium
-
-
-
NCSxx19A
28 deg
Medium
88 %
-
-
NVSxx19A
34 deg
Medium
88 %
-
-
Oslon SSL 80
28 deg
Medium
92 %
-
-
Oslon SSL 150
26 deg
Medium
86 %
2.480
-
Oslon Square EC
32 deg
Medium
88 %
2.020
-
Z5
28 deg
Medium
-
-
-
Double Dome (GM2BB)
30 deg
Medium
-
-
-
June 7th 2017 4:40 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C10892

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C10892 LEDIL-C10892 Datasheet
2Mb / 7P
~30째 medium beam
C10892_GT3-XP-M LEDIL-C10892_GT3-XP-M Datasheet
743Kb / 3P
GT3-XP lenses for Cree XP-E/C series of LEDs
2010-02-17
More results

Similar Description - C10892

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Cree, Inc
C10891 CREE-C10891 Datasheet
611Kb / 10P
Gt3 series
C10893 CREE-C10893 Datasheet
354Kb / 6P
Gt3 series
C11624 CREE-C11624 Datasheet
1Mb / 15P
Gt3 series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com