Electronic Components Datasheet Search
  English  ▼

X  

CP13308 Datasheet(PDF) 1 Page - Cree, Inc

Part # CP13308
Description  Laura series
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP13308 Datasheet(HTML) 1 Page - Cree, Inc

  CP13308 Datasheet HTML 1Page - Cree, Inc CP13308 Datasheet HTML 2Page - Cree, Inc CP13308 Datasheet HTML 3Page - Cree, Inc CP13308 Datasheet HTML 4Page - Cree, Inc CP13308 Datasheet HTML 5Page - Cree, Inc CP13308 Datasheet HTML 6Page - Cree, Inc CP13308 Datasheet HTML 7Page - Cree, Inc CP13308 Datasheet HTML 8Page - Cree, Inc CP13308 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
PRODUCT DATASHEET
Laura series
last update 9/5/2014
DETAILS
Product Number
CP13308_LAURA-O-WAS-PG
Family
Laura
Type
Assembly
Color
white
Diameter
21,6 x 21,6 mm
Height
12,9 mm
Style
square
Optic Material
PMMA,PC
Holder Material
Fastening
glue, pin
Status
production ready
ROHS Comliant
Yes
Date Updated
9/05/2014
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-G
Asymmetric degOval
84 %
2.600
-
XT-E
Asymmetric degOval
83 %
2.500
-
XP-E
Asymmetric degOval
84 %
3.000
-
XB-D
Asymmetric degOval
83 %
2.500
-
XP-G2
asymmetric degOval
83 %
2.900
-
LUXEON Rebel
Asymmetric degOval
87 %
3.100
-
LUXEON A
Asymmetric degOval
84 %
2.300
-
LUXEON Q
asymmetric degOval
85 %
2.600
-
NCSxx19A
Asymmetric degOval
83 %
2.500
-
NVSxx19A
Asymmetric degOval
82 %
2.200
-
NCSxx19B
asymmetric degOval
82 %
3.000
-
Oslon SSL 150
Asymmetric degOval
84 %
3.100
-
Oslon SSL 80
Asymmetric degOval
83 %
2.600
-
Oslon Square EC
Asymmetric degOval
84 %
2.400
-
June 7th 2017 7:11 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CP13308

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CP13311 CREE-CP13311 Datasheet
2Mb / 31P
Laura series
More results

Similar Description - CP13308

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA11837 CREE-CA11837 Datasheet
869Kb / 16P
Laura series
CA12012 CREE-CA12012 Datasheet
1Mb / 19P
Laura series
CA13634 CREE-CA13634 Datasheet
2Mb / 37P
Laura series
CA13638 CREE-CA13638 Datasheet
1Mb / 15P
Laura series
CA11360 CREE-CA11360 Datasheet
534Kb / 10P
Laura series
CA11960 CREE-CA11960 Datasheet
754Kb / 15P
Laura series
CP12632 CREE-CP12632 Datasheet
818Kb / 13P
Laura series
CP12634 CREE-CP12634 Datasheet
847Kb / 13P
Laura series
CA11353 CREE-CA11353 Datasheet
796Kb / 11P
Laura series
CA13639 CREE-CA13639 Datasheet
364Kb / 5P
Laura series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com