Electronic Components Datasheet Search
  English  ▼

X  

PA61 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA61
Description  POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA61 Datasheet(HTML) 1 Page - Cirrus Logic

  PA61 Datasheet HTML 1Page - Cirrus Logic PA61 Datasheet HTML 2Page - Cirrus Logic PA61 Datasheet HTML 3Page - Cirrus Logic PA61 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• WIDE SUPPLY RANGE — ±10 to ±45V
• HIGH OUTPUT CURRENT — ±10A Peak
• LOW COST — Class “C” output stage
• LOW QUIESCENT CURRENT — 3mA
APPLICATIONS
• PROGRAMMABLE POWER SUPPLY
• MOTOR/SYNCRO DRIVER
• VALVE AND ACTUATOR CONTROL
• DC OR AC POWER REGULATOR
• FIXED FREQUENCY POWER OSCILLATOR
DESCRIPTION
The PA61 and PA61A are high output current operational
amplifiers designed to drive resistive, inductive and capaci-
tive loads. Their complementary emitter follower output stage
is the simple class C type and optimized for low frequency
applications where crossover distortion is not critical. These
amplifiers are not recommended for audio, transducer or
deflection coil drive circuits above 1kHz or when distortion is
critical. The safe operating area (SOA) is fully specified and
can be observed for all operating conditions by selection of
user programmable current limiting resistors. Both amplifiers
are internally compensated for all gain settings. For continu-
ous operation under load, mounting on a heatsink of proper
rating is recommended.
This hybrid circuit utilizes thick film conductors, ceramic
capacitors, and semiconductor chips to maximize reliabil-
ity, minimize size, and give top performance. Ultrasonically
bonded aluminum wires provide reliable interconnections at
all operating temperatures. The 8-pin TO-3 package is electri-
cally isolated and hermetically sealed. The use of compres-
sible thermal washers and/or improper mounting torque
voids the product warranty. Please see “General Operating
Considerations”.
EQUIVALENT SCHEMATIC
��������
�
�
�
�
�
�
�
�
���
���
���
���
���
���
����
���
����
����
������
����
����
�����
����
������
������
�����
����
�����
��������
����
����
��������
����
���
����
����
���
������������������������������������
�������������������
�
�
�
�
�
�
��
�
��
�
��
��
�
���
�
���
�
���
�
���
TYPICAL APPLICATION
Due to its high current drive capability, PA61 applications
often utilize remote sensing to compensate IR drops in the wir-
ing. The importance of remote sensing increases as accuracy
requirements, output currents, and distance between ampli-
fier and load go up. The circuit above shows wire resistance
from the PA61 to the load and back to the local ground via
the power return line. Without remote sensing, a 7.5A load
current across only 0.05 ohm in each line would produce a
0.75V error at the load.
With the addition of the second ratio matched R
F/RIN pair
and two low current sense wires, IR drops in the power return
line become common mode voltages for which the op amp
has a very high rejection ratio. Voltage drops in the output and
power return wires are inside the feedback loop. Therefore, as
long as the Power Op Amp has the voltage drive capability to
overcome the IR losses, accuracy remains the same. Applica-
tion Note 7 presents a general discussion of PPS circuits.
EXTERNAL CONNECTIONS
��������������������������������������������������������������
� � � � � � � � � � � � � � �
����������������������������
������������
8-PIN TO-3
PACKAGE STYLE CE


Similar Part No. - PA61

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA61 CIRRUS-PA61 Datasheet
340Kb / 5P
POWER OPERATIONAL AMPLIFIERS
PA61 CIRRUS-PA61 Datasheet
201Kb / 5P
Power Operational Amplifiers
logo
VBsemi Electronics Co.,...
PA610AD VBSEMI-PA610AD Datasheet
1,009Kb / 7P
N-Channel 100 V (D-S) MOSFET
logo
Wuxi U-NIKC Semiconduct...
PA610DD UNIKC-PA610DD Datasheet
546Kb / 5P
P-Channel Enhancement Mode MOSFET
logo
Unisonic Technologies
PA6112 UTC-PA6112 Datasheet
186Kb / 8P
DUAL 150MW AUDIO POWER AMPLIFIER
More results

Similar Description - PA61

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com