Electronic Components Datasheet Search
  English  ▼

X  

MMP65R190P Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MMP65R190P
Description  650V 0.19(ohm) N-channel MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MMP65R190P Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MMP65R190P Datasheet HTML 1Page - MagnaChip Semiconductor. MMP65R190P Datasheet HTML 2Page - MagnaChip Semiconductor. MMP65R190P Datasheet HTML 3Page - MagnaChip Semiconductor. MMP65R190P Datasheet HTML 4Page - MagnaChip Semiconductor. MMP65R190P Datasheet HTML 5Page - MagnaChip Semiconductor. MMP65R190P Datasheet HTML 6Page - MagnaChip Semiconductor. MMP65R190P Datasheet HTML 7Page - MagnaChip Semiconductor. MMP65R190P Datasheet HTML 8Page - MagnaChip Semiconductor. MMP65R190P Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MMP65R190P Datasheet
Aug. 2013 Revision 1.0
MagnaChip Semiconductor Ltd.
2
Parameter
Symbol
Rating
Unit
Note
Drain
– Source voltage
VDSS
650
V
Gate
– Source voltage
VGSS
±30
V
Continuous drain current
ID
20
A
TC=25℃
12.7
A
TC=100℃
Pulsed drain current
(1)
IDM
60
A
Power dissipation
PD
154
W
Single - pulse avalanche energy
EAS
485
mJ
MOSFET dv/dt ruggedness
dv/dt
50
V/ns
Diode dv/dt ruggedness
dv/dt
15
V/ns
Storage temperature
Tstg
-55 ~150
℃
Maximum operating junction
temperature
Tj
150
℃
1)
Pulse width tP limited by Tj,max
2)
ISD ≤ ID, VDS peak ≤ V(BR)DSS
Parameter
Symbol
Value
Unit
Thermal resistance, junction-case max
Rthjc
0.81
℃/W
Thermal resistance, junction-ambient max
Rthja
62.5
℃/W
 Thermal Characteristics
 Absolute Maximum Rating (T
c=25℃ unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com