Electronic Components Datasheet Search
  English  ▼

X  

MSI2001 Datasheet(PDF) 4 Page - MagnaChip Semiconductor.

Part # MSI2001
Description  USB2.0 High-Speed (480Mbps) Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MSI2001 Datasheet(HTML) 4 Page - MagnaChip Semiconductor.

  MSI2001 Datasheet HTML 1Page - MagnaChip Semiconductor. MSI2001 Datasheet HTML 2Page - MagnaChip Semiconductor. MSI2001 Datasheet HTML 3Page - MagnaChip Semiconductor. MSI2001 Datasheet HTML 4Page - MagnaChip Semiconductor. MSI2001 Datasheet HTML 5Page - MagnaChip Semiconductor. MSI2001 Datasheet HTML 6Page - MagnaChip Semiconductor. MSI2001 Datasheet HTML 7Page - MagnaChip Semiconductor. MSI2001 Datasheet HTML 8Page - MagnaChip Semiconductor. MSI2001 Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Preliminary – Subject to change without notice
Feb. 2012. Revision 1.6
MagnaChip Semiconductor Ltd
.
4
AC Electrical Characteristics
(Note 1)
All listed typical values are at 25°C unless otherwise specified.
Symbol
Parameter
Test Conditions
VDD(V)
Min
Typ
Max
Unit
Time & Frequency
tON
Turn-On Time
(See Figure 3)
VIN/OUT = 0.8V,
RL = 50Ω, CL = 5pF,
VSEL_H = VDD, VSEL_L = 0
3.0 ~ 3.6
13
30
ns
tOFF
Turn-Off Time
VIN/OUT = 0.8V,
RL = 50Ω, CL = 5pF,
VSEL_H = VDD, VSEL_L = 0
3.0 ~ 3.6
12
25
ns
tPD_RISE
tPD_FALL
Rise/Fall Propagation Delay
(See Figure 4)
RL = RS = 50Ω, CL = 5pF
3.3
0.25
ns
tBBM
Break-Before-Make Delay Time
(See Figure 5)
RL = RS = 50Ω, CL = 5pF
3.0 ~ 3.6
5
ns
tSK(O)
Output Skew between Switches
(See Figure 4)
Skew between Switch 1 and
Switch 2
RL = RS = 50Ω, CL = 5pF
3.0 ~ 3.6
0.05
ns
tSK(P)
Output Skew of same Switch
(See Figure 4)
Skew
between
Opposite
Transitions in Same Switch
3.0 ~ 3.6
0.02
ns
BW
-3dB Bandwidth
(See Figure 6)
RL = RS = 50Ω, CL = 0pF
3.0
720
MHz
RL = RS = 50Ω, CL = 5pF
550
Isolation & Crosstalk
OIRR
Off Isolation
(See Figure 8)
f = 240MHz, RL = RS = 50Ω
3.0
-30
dB
XTALK
Channel Crosstalk
(See Figure 9)
f = 240MHz, RL = RS = 50Ω
3.0
-45
dB
Capacitance
CIN
Control Pin Input Capacitance
f = 240MHz
0
1.5
pF
CON
ON Capacitance
(See Figure 9)
f = 240MHz
3.6
7
pF
COFF
OFF Capacitance
(See Figure 10)
f = 240MHz
3.6
3.5
pF
Note 1: These parameters are not production tested: Guaranteed by design correlation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com