Electronic Components Datasheet Search
  English  ▼

X  

MXM1280 Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MXM1280
Description  High Voltage Hall Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MXM1280 Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MXM1280 Datasheet HTML 1Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MAGNACHIP COPYRIGHT
MXG2320
MXM1280 is the integrated Hall effect magnetic switch with wide operating supply voltage, extended
temperature stability up to 150°C, dynamic offset cancellation, low power consumption, and low noise
magnetic thresholds characteristic for highly accurate applications. This sensor consists of voltage
regulator, Hall element, offset cancellation circuitry, low noise gain amplifier, comparator, control logic, and
protection circuitry such as OVP, OCP, UVLO(under voltage lock out) in a single chip.
MXM1280 has two package types, TO-92S and SOT23-3L, and is suitable for most applications such as
BLDC motor commutations, consumer electronics and industry applications.
 Hall effect latch / switch (Bi-polar / Uni-polar )
 Wide operating supply voltage
 from 3.8V to 30V
 High accuracy of the switching thresholds
 Wide operating temperature range
 -40℃ to 150℃
 Overvoltage protection capability (OVP)
 Up to 40V
 Reverse voltage protection
 Overcurrent protection (OCP)
 Under voltage lock out (UVLO)
 Self-diagnostic function (Optional)
 Package: TO92S, SOT23-3L
MXM1280 High Voltage Hall Switch
For more information on MXSensorTM, please email at MXsensorQnA@magnachip.com
Key
Features
Block
Diagram
Applications
BLDC Motor
Commutation
Appliances
Power tools
e-Bike
* Under development
VCC
OUT
VSS
Hall
PGA
Voltage regulator, e-fuse & control logic
Protection
circuit
block


Similar Part No. - MXM1280

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MXM1120 MGCHIP-MXM1120 Datasheet
55Kb / 1P
digital Hall sensor IC
MXM1120SO MGCHIP-MXM1120SO Datasheet
55Kb / 1P
digital Hall sensor IC
MXM1160 MGCHIP-MXM1160 Datasheet
71Kb / 1P
Advanced Digital Hall Sensor
MXM1170 MGCHIP-MXM1170 Datasheet
76Kb / 1P
Hall switch
More results

Similar Description - MXM1280

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3372 DIODES-AH3372 Datasheet
807Kb / 15P
HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
Rev erse
AH3373 DIODES-AH3373 Datasheet
834Kb / 15P
HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
Rev erse
AH3362Q DIODES-AH3362Q Datasheet
810Kb / 15P
HIGH VOLTAGE HIGH SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
Rev erse
AH3363Q DIODES-AH3363Q Datasheet
846Kb / 15P
HIGH VOLTAGE HIGH SENQSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
Rev erse
AH3372 DIODES-AH3372_18 Datasheet
797Kb / 15P
HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
Rev erse
AH3373 DIODES-AH3373_18 Datasheet
892Kb / 15P
HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
Rev erse
AH3563Q DIODES-AH3563Q Datasheet
662Kb / 14P
HIGH VOLTAGE HIGH SENSITIVITY AUTOMOTIVE HALL EFFECT LATCH SWITCH
Rev erse
AH3572 DIODES-AH3572 Datasheet
862Kb / 14P
HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT OMNIPOLAR SWITCH
Rev erse
AH3574 DIODES-AH3574 Datasheet
888Kb / 13P
HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT OMNIPOLAR SWITCH
Rev erse
logo
AiT Semiconductor Inc.
AH8115 AITSEMI-AH8115 Datasheet
535Kb / 7P
HALL SWITCH LOW POWER, HIGH SENSITIVITY, CMOS HALL SWITCH
REV1.2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com