Electronic Components Datasheet Search
  English  ▼

X  

1054316 Datasheet(PDF) 7 Page - SICK AG

Part # 1054316
Description  MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1054316 Datasheet(HTML) 7 Page - SICK AG

  1054316 Datasheet HTML 1Page - SICK AG 1054316 Datasheet HTML 2Page - SICK AG 1054316 Datasheet HTML 3Page - SICK AG 1054316 Datasheet HTML 4Page - SICK AG 1054316 Datasheet HTML 5Page - SICK AG 1054316 Datasheet HTML 6Page - SICK AG 1054316 Datasheet HTML 7Page - SICK AG 1054316 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
EKM36-2KF0A018A | EKS/EKM36
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL®
Diagram 2
–15
5
0
–10
–5
–20
–25
–30
–35
0.1
–40
–45
45
225
180
90
135
0
–45
–90
–135
–180
–225
Gain [dB]
Phase [°]
Frequency/filter cutoff frequency
Gain
Phase
1
10
Recommended accessories
Other models and accessories
www.sick.com/EKS_EKM36
Brief description
Type
Part no.
Other mounting accessories
Mounting tools
BEF-MW-EKX36
2060224
Plug connectors and cables
Head A: cable
Head B: cable
Cable: HIPERFACE DSL®, drag chain use, PUR, shielded
LTG-3104-MW
6044358
Head A: female connector, stranded cable, 4-pin, straight
Head B: cable
Cable: HIPERFACE DSL®, unshielded, 0.2 m
DOL-0B02-G0M2XC2
2079920
Head A: female connector, M12, 4-pin, straight
Head B: female connector, JST, 4-pin, straight
Cable: HIPERFACE DSL®, shielded, 1 m
DSL-1202-G01MA
2061361
Programming and configuration tools
SVip® LAN programming tool for all motor feedback systems
PGT-11-S LAN
1057324
SVip® WLAN programming tool for all motor feedback systems
PGT-11-S WLAN
1067474
2017-06-07 19:23:08 | Online data sheet
Subject to change without notice
MOTOR FEEDBACK SYSTEMS | SICK
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com