Electronic Components Datasheet Search
  English  ▼

X  

SWI10-N Datasheet(PDF) 1 Page - CUI INC

Part # SWI10-N
Description  up to 12 W continuous power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SWI10-N Datasheet(HTML) 1 Page - CUI INC

  SWI10-N Datasheet HTML 1Page - CUI INC SWI10-N Datasheet HTML 2Page - CUI INC SWI10-N Datasheet HTML 3Page - CUI INC SWI10-N Datasheet HTML 4Page - CUI INC SWI10-N Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date 12/12/2016
page 1 of 5
SERIES: SWI10-N
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency
level
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
SWI10-5-N
5
2
10
250
VI
SWI10-12-N
12
1
12
200
VI
Notes:
1. At full load, 25°C, at 115/230 Vac input, 20 MHz bandwidth oscilloscope, output terminated with 0.1 µF and 10 µF capacitors.
FEATURES
• up to 12 W continuous power
• DoE Level VI efficiency
• universal input voltage range
• ultra-compact case
• no load power consumption < 0.075 W
• over voltage, over current, and short circuit protections
• UL/cUL, PSE, FCC safety approvals
• Class II construction
PART NUMBER KEY
Base Number
Reserved for Custom
Configurations
SWI10 - XX - N - XXX - CXX
DC Plug Type:
XXX = See output plug options
on page 4 for more details
Output Voltage
AC Input Type:
North America
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks


Similar Part No. - SWI10-N

ManufacturerPart #DatasheetDescription
logo
CUI INC
SWI10-N CUI-SWI10-N Datasheet
457Kb / 5P
AC-DC POWER SUPPLY
09/21/2020
SWI10-N-USB CUI-SWI10-N-USB Datasheet
591Kb / 4P
AC-DC POWER SUPPLY
SWI10-N CUI-SWI10-N_V01 Datasheet
457Kb / 5P
AC-DC POWER SUPPLY
09/21/2020
More results

Similar Description - SWI10-N

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSK-S25-5U-T CUI-VSK-S25-5U-T Datasheet
224Kb / 5P
AC-DC POWER SUPPLY up to 25 W continuous output
logo
XP Power Limited
SDF XPPOWER-SDF Datasheet
548Kb / 4P
Up to 600 W Peak Power
logo
Artesyn Technologies
IVS1-5L1-1Q1-2EO-4LL0 ARTESYN-IVS1-5L1-1Q1-2EO-4LL0 Datasheet
2Mb / 12P
Total Power: Up to 4920 W
logo
XP Power Limited
HPU1K5PS12 XPPOWER-HPU1K5PS12 Datasheet
2Mb / 8P
Output Power up to 1500 W
logo
List of Unclassifed Man...
MDL200 ETC2-MDL200 Datasheet
4Mb / 6P
Power range up to 2400 W
logo
Vicor Corporation
BCM384Y120X1K5AC1 VICOR-BCM384Y120X1K5AC1 Datasheet
2Mb / 23P
Up to 1500 W continuous output power
logo
CUI INC
SWI25-E CUI-SWI25-E Datasheet
439Kb / 4P
up to 25.2 W continuous power
VF-D250-DXXA CUI-VF-D250-DXXA Datasheet
466Kb / 5P
up to 250 W continuous power w/ 16 CFM forced air
PBK-3 CUI-PBK-3 Datasheet
746Kb / 9P
up to 3 W continuous output
logo
Artesyn Technologies
AIF ARTESYN-AIF Datasheet
549Kb / 3P
Up to 1600 W output power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com