Electronic Components Datasheet Search
  English  ▼

X  

SWI15-N Datasheet(PDF) 3 Page - CUI INC

Part # SWI15-N
Description  over voltage, over current, and short circuit protections
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SWI15-N Datasheet(HTML) 3 Page - CUI INC

  SWI15-N Datasheet HTML 1Page - CUI INC SWI15-N Datasheet HTML 2Page - CUI INC SWI15-N Datasheet HTML 3Page - CUI INC SWI15-N Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cui.com
date 03/08/2017
│ page 3 of 4
CUI Inc
│ SERIES: SWI15-N │ DESCRIPTION: AC-DC POWER SUPPLY
DC CORD
cord length
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
71.00 x 33.00 x 48.40 (2.795 x 1.299 x 1.906 inches)
mm
inlet plug
North America
weight
100
g
MECHANICAL DRAWING
units: mm [inch]
tolerance: X.XX: ±0.50 [±0.020]
MODEL NO.
CABLE
CORD LENGTH
SWI15-5-N
20 AWG
1,800 mm ±50
SWI15-9-N
18 AWG
1,800 mm ±50
SWI15-12-N
24 AWG
1,800 mm ±50
SWI15-15-N
24 AWG
1,800 mm ±50
SWI15-24-N
24 AWG
1,800 mm ±50
units: mm
Table 1
Plug: 5.5 x 2.1 x 9.5 mm
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com