Electronic Components Datasheet Search
  English  ▼

X  

SAS2308 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # SAS2308
Description  PCI Express to 8-Port 6Gb/s SAS/SATA Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

SAS2308 Datasheet(HTML) 1 Page - Broadcom Corporation.

  SAS2308 Datasheet HTML 1Page - Broadcom Corporation. SAS2308 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LSISAS2308
PCI Express to 8-Port 6Gb/s SAS/SATA Controller
Preliminary Product Brief
A P P L I C A T I O N S
n
DirectAttachedSAS/SATAcontroller
solutionsforentrytomid-range
servers
n
BladeServers
n
Externalstoragecontrollersrequir
ingSAS/SATAinterfaceforthe
hostordrivesideconnect
F E A T U R E S
n
IntegratedRAID–RAIDLevels0,1,
1E,and10
–IntegratedMegaRAID®support
availableuponrequest
n
HighPerformanceIOP
–PowerPC440@800MHz
n
6Gb/sSASInterface
–8portSAS/SATAcontroller
–Supports1.5Gb/s,3Gb/s,and6Gb/s
SASandSATAdatatransferrates
–Spreadspectrumclocking
–SupportsSSP,SMP,STPandSATA
protocols
–SASandSATAdevicesupport
–Supportsnarrowandwideports
–T-10dataprotectionmodel
–OpticalSupportandAdvanced
ErrorReporting(AER)
–PCIExpresshotplugsupport
–Supportsupto1,000devices
n
PCIExpress3.0Interface
–Supportsx8,x4,x1PCIelanesat
atransferrateupto8.0GT/sper
lane,fullduplex
–Laneandpolarityreversal
–SR-IOV(16virtualfunctions)
–SupportsEnd-to-EndCRC(ECRC)
andAdvancedErrorReporting(AER)
–PCIExpresshotplugsupport
Overview
The LSISAS2308 is the third genera-
tion of SAS controllers based on the
industry-leading Fusion-MPT™ (Mes-
sage Passing Technology) architecture.
The LSISAS2308 integrates the latest
enhancements in SAS and PCI Express
technology.
The LSISAS2308 supports 8 PCIe lanes
and complies with the PCI Express 3.0
specification that extends the PCIe
data rates up to 8.0 GT/s per lane, and
is backwards compatible to the 5.0/2.5
GT/s data rate supported by PCIe 2.x.,
1.x. It also incorporates enhancements
such as Single Root I/O Virtualization
(SR-IOV) with 16 virtual functions,
End-to-End CRC (ECRC) with Advanced
Error Reporting (AER) and the latest
advancements in lane and polarity
reversal, power management, hot plug
support, and MSI/ MSI-X and legacy
interrupt generation.
The eight-port controller device
provides SAS and SATA data transfer
rates of 1.5, 3, and 6Gb/s per lane and
automatically negotiates between
the speeds. Enhanced features are
LSI offers the broadest SAS product portfolio in the industry with true end-to-end solu-
tions — controllers, expanders, SAS to SATA bridge products, ROCs, host bus adapters,
RAID solutions, and external storage. LSI’s proven SAS core has completed extensive
stress and interoperability testing resulting in the industry’s most robust, interoper-
able solution.
supported such as T-10 Data Protec-
tion Model for early detection of and
recovery from data corruption, and
Spread Spectrum Clocking (SSC) for
EMI reduction.
The LSISAS2308 is ideal for the host or
drive side connect for external storage
controllers requiring a SAS/SATA inter-
face. The LSISAS2308 can support 1,000
devices and 10,000 outstanding IOs
without external RAM and can achieve
600,000 IOs per second.
The LSISAS2308 offered with LSI’s
Integrated RAID (IR) feature is a low
cost, high performance RAID solution
designed for blade, entry and mid-
range servers that require redundancy
and high availability but where a full
Extending Its RAID And SAS Technology Leadership, LSI™ Introduces Its
Third Generation Of SAS/SATA Controllers
LSISAS2308


Similar Part No. - SAS2308

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SAS20011 CELDUC-SAS20011 Datasheet
109Kb / 2P
SHORT CIRCUIT RELAY
SAS20021 CELDUC-SAS20021 Datasheet
109Kb / 2P
SHORT CIRCUIT RELAY
SAS20121 CELDUC-SAS20121 Datasheet
109Kb / 2P
SHORT CIRCUIT RELAY
logo
Broadcom Corporation.
SAS2208 BOARDCOM-SAS2208 Datasheet
508Kb / 2P
PCI Express to 8-Port 6Gb/s SAS/SATA ROC
More results

Similar Description - SAS2308

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
SAS9260-4I AVAGO-SAS9260-4I Datasheet
272Kb / 2P
Four-Port 6Gb/s PCI Express SATA and SAS RAID Controller
SAS9260-8I AVAGO-SAS9260-8I Datasheet
273Kb / 2P
Eight-Port 6Gb/s PCI Express SATA and SAS RAID Controller
SAS9261-8I AVAGO-SAS9261-8I Datasheet
259Kb / 2P
Eight-Port 6Gb/s PCI Express SATASAS RAID Controller
SAS9270-8I AVAGO-SAS9270-8I Datasheet
229Kb / 2P
Eight-Port 6Gb/s PCI Express 3.0 SATASAS RAID Controller
SAS9271-4I AVAGO-SAS9271-4I Datasheet
232Kb / 2P
Four-Port 6Gb/s PCI Express 3.0 SATASAS RAID Controller
SAS9271-8I AVAGO-SAS9271-8I Datasheet
244Kb / 2P
Eight-Port 6Gb/s PCI Express 3.0 SATASAS RAID Controller
SAS9280-4I4E AVAGO-SAS9280-4I4E Datasheet
268Kb / 2P
Four-Port External 6Gb/s PCI Express SATASAS RAID Controller
SAS9750-4I AVAGO-SAS9750-4I Datasheet
907Kb / 2P
Four-Port 6Gb/s PCI Express SATASAS RAID Controller Card
SAS9750-8E AVAGO-SAS9750-8E Datasheet
420Kb / 2P
Eight-Port 6Gb/s PCI Express SATASAS RAID
logo
Broadcom Corporation.
SAS2208 BOARDCOM-SAS2208 Datasheet
508Kb / 2P
PCI Express to 8-Port 6Gb/s SAS/SATA ROC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com