Electronic Components Datasheet Search
  English  ▼

X  

NV30FP Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # NV30FP
Description  20mA 3.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

NV30FP Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  NV30FP Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NV30FP
20mA 3.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD
TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2016 1 / 1
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value Units
Repetitive Peak Renerse Voltage
VRRM
Ta=25°C;
3.0
kV
Average Output Current
IF
Ta=55°C;Resistive Load
20
mA
Suege Current
IFSM
Ta=25°C; 1/2 Sine(60Hz)
3.0
A
Junction Temperature
TJ
-40~+125
°C
Allowable Operation Case Temperature
Tc
125
°C
Storage Temperature
TSTG
-40~+125
°C
ELECTRICAL CHARACTERISTICS: Ta=25°C (Unless otherwise specified)
Items
Symbols
Condition
Data value Units
Maximum Forward Voltage Drop
VF
at 25°C; at 1/2IF(AV)
10
V
Maximum Reverse Current
IR1
at 25°C; at VRRM
2.0
uA
IR2
at 100°C; atVRRM
10
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
100
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
--
pF
HVGT High voltage silicon rectifier diodes is made of
high quality glass passivated chip and high reliability
epoxy resin sealing structure, and through professional
testing equipment inspection qualified after to customers.
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: DO-203
FEATURES:
1. High reliability design.
2. High voltage design.
3. High frequency .
4. Conform to RoHS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. High voltage multiplier circuit
2. Electrostatic generator circuit .
3. General purpose high voltage rectifier.
4. Other.
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: welding axis.
3. Net weight: 0.12 grams (approx).


Similar Part No. - NV30FP

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
NV30FP GETEDZ-NV30FP_17 Datasheet
460Kb / 1P
20mA 3.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
More results

Similar Description - NV30FP

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
NV40FP GETEDZ-NV40FP Datasheet
446Kb / 1P
20mA 3.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
NV50FP GETEDZ-NV50FP Datasheet
447Kb / 1P
20mA 3.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
ESJA02-02S GETEDZ-ESJA02-02S_17 Datasheet
460Kb / 1P
20mA 2.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
ESJA02-03S GETEDZ-ESJA02-03S_17 Datasheet
460Kb / 1P
20mA 3.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
ESJA02-04S GETEDZ-ESJA02-04S_17 Datasheet
460Kb / 1P
20mA 4.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
ESJA02-05S GETEDZ-ESJA02-05S_17 Datasheet
461Kb / 1P
20mA 5.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
NV20FP GETEDZ-NV20FP Datasheet
460Kb / 1P
20mA 2.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
NV30FP GETEDZ-NV30FP_17 Datasheet
460Kb / 1P
20mA 3.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
NV40FP GETEDZ-NV40FP_17 Datasheet
460Kb / 1P
20mA 4.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
NV50FP GETEDZ-NV50FP_17 Datasheet
460Kb / 1P
20mA 5.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com