Electronic Components Datasheet Search
  English  ▼

X  

2SA2029 Datasheet(PDF) 2 Page - WILLAS ELECTRONIC CORP

Part # 2SA2029
Description  (PNP) General Purpose Plastic-Encapsulate Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

2SA2029 Datasheet(HTML) 2 Page - WILLAS ELECTRONIC CORP

  2SA2029 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP 2SA2029 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP 2SA2029 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP 2SA2029 Datasheet HTML 4Page - WILLAS ELECTRONIC CORP 2SA2029 Datasheet HTML 5Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-0.1
-1
-10
-100
-0.1
-1
-10
0.1
1
10
100
-1
-10
-100
1
10
100
1000
0
25
50
75
100
125
150
0
50
100
150
200
-0.1
-1
-10
-100
-100
-1000
-0.1
-1
-10
-100
-10
-100
-1000
-0.1
-1
-10
-100
10
100
1000
-0
-2
-4
-6
-8
-10
-0
-2
-4
-6
-8
I
C
——
V
BE
BASE-EMMITER VOLTAGE V
BE
(V)
COMMON EMITTER
V
CE
=-6V
-150
C
ib
C
ob
f=1MHz
I
E
=0/I
C
=0
T
a
=25℃
V
CB/ VEB
C
ob/ Cib
——
REVERSE VOLTAGE
V
(V)
-0.5
I
C
f
T
——
COLLECTOR CURRENT
I
C
(mA)
V
CE
= -12V
T
a
=25℃
P
C
—— T
a
AMBIENT TEMPERATURE
T
a
(
)
℃
-3000
-150
β=10
T
a
=25℃
T
a
=100℃
COLLECTOR CURRENT
I
C
(mA)
I
C
V
BEsat
——
-150
I
C
V
CEsat
——
COLLECTOR CURRENT
I
C
(mA)
β=10
T
a
=25℃
T
a
=100℃
COMMON
EMITTER
T
a
=25℃
-150
T
a
=100℃
T
a
=25℃
I
C
COLLECTOR CURRENT
I
C
(mA)
COMMON EMITTER
V
CE
=-6V
h
FE
——
-30uA
-27uA
-24uA
-21uA
-18uA
-15uA
-12uA
-9uA
-20
-6uA
I
B
=-3uA
Static Characteristic
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
Typical Characteristics
2015.01
www.willas.com.tw
Rev. J01
P 2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com