Electronic Components Datasheet Search
  English  ▼

X  

BAS70 Datasheet(PDF) 2 Page - WILLAS ELECTRONIC CORP

Part # BAS70
Description  Plastic-Encapsulate Switching Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

BAS70 Datasheet(HTML) 2 Page - WILLAS ELECTRONIC CORP

  BAS70 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP BAS70 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP BAS70 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP BAS70 Datasheet HTML 4Page - WILLAS ELECTRONIC CORP BAS70 Datasheet HTML 5Page - WILLAS ELECTRONIC CORP BAS70 Datasheet HTML 6Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
0
5
10
15
20
0
1
2
3
4
0
25
50
75
100
125
150
0
50
100
150
200
250
300
0.0
0.2
0.4
0.6
0.8
1.0
0.01
0.1
1
10
100
0
1020
3040
5060
70
0.01
0.1
1
10
T
a=25
℃
f=1MHz
Capacitance Characteristics
REVERSE VOLTAGE V
R
(V)
Power Derating Curve
AMBIENT TEMPERATURE T
a
( )
℃
Forward Characteristics
FORWARD VOLTAGE V
F
(V)
Reverse Characteristics
Typical Characteristics
T
a=100
oC
T
a=25
oC
REVERSE VOLTAGE V
R
(V)
2014.12
www.willas.com.tw
Rev.J0
THRU



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com